Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 314 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 314 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 310Page - ATMEL Corporation ATmega16U4 Datasheet HTML 311Page - ATMEL Corporation ATmega16U4 Datasheet HTML 312Page - ATMEL Corporation ATmega16U4 Datasheet HTML 313Page - ATMEL Corporation ATmega16U4 Datasheet HTML 314Page - ATMEL Corporation ATmega16U4 Datasheet HTML 315Page - ATMEL Corporation ATmega16U4 Datasheet HTML 316Page - ATMEL Corporation ATmega16U4 Datasheet HTML 317Page - ATMEL Corporation ATmega16U4 Datasheet HTML 318Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 408 page
background image
314
7766D–AVR–01/09
ATmega16U4/ATmega32U4
24.9.5
Digital Input Disable Register 0 – DIDR0
• Bit 7:4, 1:0 – ADC7D..4D - ADC1D..0D : ADC7:4 - ADC1:0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN Register bit will always read as zero when this bit is set. When an
analog signal is applied to the ADC7..4 / ADC1..0 pin and the digital input from this pin is not
needed, this bit should be written logic one to reduce power consumption in the digital input
buffer.
24.9.6
Digital Input Disable Register 2 – DIDR2
• Bit 5:0 – ADC13D..ADC8D: ADC13:8 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN Register bit will always read as zero when this bit is set. When an
analog signal is applied to the ADC13..8 pin and the digital input from this pin is not needed, this
bit should be written logic one to reduce power consumption in the digital input buffer.
1
0
0
1
Timer/Counter4 Compare Match A
1
0
1
0
Timer/Counter4 Compare Match B
1
0
1
1
Timer/Counter4 Compare Match D
Table 24-6.
ADC Auto Trigger Source Selections
ADTS3
ADTS2
ADTS1
ADTS0
Trigger Source
Bit
765
4321
0
ADC7D
ADC6D
ADC5D
ADC4D
-
-
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
-
-
ADC13D
ADC12D
ADC11D
ADC10D
ADC9D
ADC8D
DIDR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com