Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 313 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 313 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 309Page - ATMEL Corporation ATmega16U4 Datasheet HTML 310Page - ATMEL Corporation ATmega16U4 Datasheet HTML 311Page - ATMEL Corporation ATmega16U4 Datasheet HTML 312Page - ATMEL Corporation ATmega16U4 Datasheet HTML 313Page - ATMEL Corporation ATmega16U4 Datasheet HTML 314Page - ATMEL Corporation ATmega16U4 Datasheet HTML 315Page - ATMEL Corporation ATmega16U4 Datasheet HTML 316Page - ATMEL Corporation ATmega16U4 Datasheet HTML 317Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 408 page
background image
313
7766D–AVR–01/09
ATmega16U4/ATmega32U4
channels) is required, it is sufficient to read ADCH. Otherwise, ADCL must be read first, then
ADCH.
The ADLAR bit in ADMUX, and the MUXn bits in ADMUX affect the way the result is read from
the registers. If ADLAR is set, the result is left adjusted. If ADLAR is cleared (default), the result
is right adjusted.
• ADC9:0: ADC Conversion Result
These bits represent the result from the conversion, as detailed in “ADC Conversion Result” on
page 306.
24.9.4
ADC Control and Status Register B – ADCSRB
• Bit 7 – ADHSM: ADC High Speed Mode
Writing this bit to one enables the ADC High Speed mode. This mode enables higher conversion
rate at the expense of higher power consumption.
• Bit 5 – MUX5: Analog Channel Additional Selection Bits
This bit make part of MUX5:0 bits of ADRCSRB and ADMUX register, that select the combina-
tion of analog inputs connected to the ADC (including differential amplifier configuration).
• Bit 3:0 – ADTS3:0: ADC Auto Trigger Source
If ADATE in ADCSRA is written to one, the value of these bits selects which source will trigger
an ADC conversion. If ADATE is cleared, the ADTS3:0 settings will have no effect. A conversion
will be triggered by the rising edge of the selected interrupt flag. Note that switching from a trig-
ger source that is cleared to a trigger source that is set, will generate a positive edge on the
trigger signal. If ADEN in ADCSRA is set, this will start a conversion. Switching to Free Running
mode (ADTS[3:0]=0) will not cause a trigger event, even if the ADC Interrupt Flag is set
.
Bit
7
65
432
10
ADHSM
ACME
MUX5
-
ADTS3
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R/W
R/W
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 24-6.
ADC Auto Trigger Source Selections
ADTS3
ADTS2
ADTS1
ADTS0
Trigger Source
0
0
0
0
Free Running mode
0
0
0
1
Analog Comparator
0
0
1
0
External Interrupt Request 0
0
0
1
1
Timer/Counter0 Compare Match
0
1
0
0
Timer/Counter0 Overflow
0
1
0
1
Timer/Counter1 Compare Match B
0
1
1
0
Timer/Counter1 Overflow
0
1
1
1
Timer/Counter1 Capture Event
1
0
0
0
Timer/Counter4 Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com