Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 297 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 297 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 293Page - ATMEL Corporation ATmega644PA Datasheet HTML 294Page - ATMEL Corporation ATmega644PA Datasheet HTML 295Page - ATMEL Corporation ATmega644PA Datasheet HTML 296Page - ATMEL Corporation ATmega644PA Datasheet HTML 297Page - ATMEL Corporation ATmega644PA Datasheet HTML 298Page - ATMEL Corporation ATmega644PA Datasheet HTML 299Page - ATMEL Corporation ATmega644PA Datasheet HTML 300Page - ATMEL Corporation ATmega644PA Datasheet HTML 301Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 468 page
background image
297
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Notes:
1. Program the Fuse bits and Boot Lock bits before programming the LB1 and LB2.
2. “1” means unprogrammed, “0” means programmed
26.2
Fuse Bits
The ATmega164PA/324PA/644PA/1284P has four Fuse bytes. Table 26-3 - Table 26-5
describe briefly the functionality of all the fuses and how they are mapped into the Fuse bytes.
Note that the fuses are read as logical zero, “0”, if they are programmed.
Note:
1. See ”System and Reset Characteristics” on page 334 for BODLEVEL Fuse decoding.
BLB1 Mode
BLB12
BLB11
11
1
No restrictions for SPM or (E)LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section, and
(E)LPM executing from the Application section is not allowed to
read from the Boot Loader section. If Interrupt Vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
40
1
(E)LPM executing from the Application section is not allowed to
read from the Boot Loader section. If Interrupt Vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
Table 26-2.
Lock Bit Protection Modes
(1)(2) (Continued)
Memory Lock Bits
Protection Type
Table 26-3.
Extended Fuse Byte
Fuse Low Byte
Bit No
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
–4
–
1
–3
–
1
BODLEVEL2(1)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1(1)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0(1)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com