Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 298 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 298 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 294Page - ATMEL Corporation ATmega644PA Datasheet HTML 295Page - ATMEL Corporation ATmega644PA Datasheet HTML 296Page - ATMEL Corporation ATmega644PA Datasheet HTML 297Page - ATMEL Corporation ATmega644PA Datasheet HTML 298Page - ATMEL Corporation ATmega644PA Datasheet HTML 299Page - ATMEL Corporation ATmega644PA Datasheet HTML 300Page - ATMEL Corporation ATmega644PA Datasheet HTML 301Page - ATMEL Corporation ATmega644PA Datasheet HTML 302Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 468 page
background image
298
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Note:
1. The SPIEN Fuse is not accessible in serial programming mode.
2. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 25-10 on page
291 for details.
3. See ”WDTCSR – Watchdog Timer Control Register” on page 60 for details.
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of Lock bits
and JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the clock system to
be running in all sleep modes. This may increase the power consumption.
Note:
1. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See ”System and Reset Characteristics” on page 334 for details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8 MHz. See Table 8-1 on
page 31 for details.
3. The CKOUT Fuse allow the system clock to be output on PORTB1. See ”Clock Output Buffer”
on page 39 for details.
4. See ”System Clock Prescaler” on page 39 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
Table 26-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
OCDEN(4)
7Enable OCD
1 (unprogrammed, OCD
disabled)
JTAGEN
6
Enable JTAG
0 (programmed, JTAG enabled)
SPIEN(1)
5
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BOOTSZ1
2
Select Boot Size (see Table 26-9 for
details)
0 (programmed)(2)
BOOTSZ0
1
Select Boot Size (see Table 26-9 for
details)
0 (programmed)(2)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)
Table 26-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(4)
7
Divide clock by 8
0 (programmed)
CKOUT(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)(2)
CKSEL0
0
Select Clock source
0 (programmed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com