Electronic Components Datasheet Search
  English  ▼

X  

ATmega644PA Datasheet(PDF) 299 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 299 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 295Page - ATMEL Corporation ATmega644PA Datasheet HTML 296Page - ATMEL Corporation ATmega644PA Datasheet HTML 297Page - ATMEL Corporation ATmega644PA Datasheet HTML 298Page - ATMEL Corporation ATmega644PA Datasheet HTML 299Page - ATMEL Corporation ATmega644PA Datasheet HTML 300Page - ATMEL Corporation ATmega644PA Datasheet HTML 301Page - ATMEL Corporation ATmega644PA Datasheet HTML 302Page - ATMEL Corporation ATmega644PA Datasheet HTML 303Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 468 page
background image
299
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
26.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
26.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space. For the ATmega164PA/324PA/644PA/1284P the sig-
nature bytes are given in Table 26-6.
26.4
Calibration Byte
The ATmega164PA/324PA/644PA/1284P has a byte calibration value for the internal RC Oscil-
lator. This byte resides in the high byte of address 0x000 in the signature address space. During
reset, this byte is automatically written into the OSCCAL Register to ensure correct frequency of
the calibrated RC Oscillator.
26.5
Page Size
Table 26-6.
Device and JTAG ID
Part
Signature Bytes Address
JTAG
0x000
0x001
0x002
Part Number
Manufacture ID
ATmega164PA
0x1E
0x94
0x0A
940A
0x1F
ATmega324PA
0x1E
0x95
0x11
9511
0x1F
ATmega644PA
0x1E
0x96
0x0A
960A
0x1F
ATmega1284P
0x1E
0x97
0x05
9705
0x1F
Table 26-7.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATmega164PA
8K words (16 Kbytes)
64 words
PC[5:0]
128
PC[12:6]
12
ATmega324PA
16K words (32 Kbytes)
64 words
PC[5:0]
256
PC[13:6]
13
ATmega644PA
32K words (64 Kbytes)
128 words
PC[6:0]
256
PC[14:6]
14
ATmega1284P
64K words (128 Kbytes)
128 words
PC[6:0]
512
PC[15:7]
15
Table 26-8.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATmega164PA
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8
ATmega324PA
1 Kbytes
4 bytes
EEA[1:0]
256
EEA[9:2]
9
ATmega644PA
2 Kbytes
8 bytes
EEA[2:0]
256
EEA[10:2]
10
ATmega1284P
4 Kbytes
8 bytes
EEA[2:0]
512
EEA[11:3]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com