Electronic Components Datasheet Search
  English  ▼

X  

AT86RF212 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 700/800/900 MHz
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT86RF212 Datasheet HTML 9Page - ATMEL Corporation AT86RF212 Datasheet HTML 10Page - ATMEL Corporation AT86RF212 Datasheet HTML 11Page - ATMEL Corporation AT86RF212 Datasheet HTML 12Page - ATMEL Corporation AT86RF212 Datasheet HTML 13Page - ATMEL Corporation AT86RF212 Datasheet HTML 14Page - ATMEL Corporation AT86RF212 Datasheet HTML 15Page - ATMEL Corporation AT86RF212 Datasheet HTML 16Page - ATMEL Corporation AT86RF212 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
13
8168B-MCU Wireless-02/09
AT86RF212
4 Microcontroller Interface
4.1 Overview
This section describes the AT86RF212 to microcontroller interface. The interface
comprises a slave SPI and additional control signals; see Figure 4-1. The SPI timing
and protocol are described below.
Figure 4-1. Microcontroller to AT86RF212 Interface
Microcontroller
AT86RF212
/SEL
MOSI
MISO
SCLK
CLKM
IRQ
SLP_TR
MOSI
MISO
SCLK
GPIO1/CLK
GPIO2/IRQ
GPIO3
MOSI
MISO
SCLK
CLKM
IRQ
SLP_TR
/RST
GPIO4
SPI
/SEL
/SEL
/RST
DIG2
GPIO5
DIG2
Microcontrollers with a master SPI such as Atmel’s AVR family interface directly to the
AT86RF212. The SPI is used for register, Frame Buffer, SRAM, and AES access. The
additional control signals are connected to the GPIO/IRQ interface of the
microcontroller.
Table 4-1 introduces the radio transceiver I/O signals and their functionality.
Table 4-1. Signal Description of Microcontroller Interface
Signal
Description
/SEL
SPI select signal, active low
MOSI
SPI data (Master Output Slave Input) signal
MISO
SPI data (Master Input Slave Output) signal
SCLK
SPI clock signal
CLKM
Clock output, refer to section 7.7.4, usable as:
- microcontroller clock source
- high precision timing reference
- MAC timer reference
IRQ
Interrupt request signal, further used as:
- Frame Buffer Empty indicator, refer to section 9.6.
SLP_TR
Multi purpose control signal, see section 4.6:
- Sleep/Wakeup
- TX start
- disable/enable CLKM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com