Electronic Components Datasheet Search
  English  ▼

X  

AT86RF212 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 700/800/900 MHz
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT86RF212 Datasheet HTML 35Page - ATMEL Corporation AT86RF212 Datasheet HTML 36Page - ATMEL Corporation AT86RF212 Datasheet HTML 37Page - ATMEL Corporation AT86RF212 Datasheet HTML 38Page - ATMEL Corporation AT86RF212 Datasheet HTML 39Page - ATMEL Corporation AT86RF212 Datasheet HTML 40Page - ATMEL Corporation AT86RF212 Datasheet HTML 41Page - ATMEL Corporation AT86RF212 Datasheet HTML 42Page - ATMEL Corporation AT86RF212 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 171 page
background image
39
8168B-MCU Wireless-02/09
AT86RF212
Symbol
Block
Time, typ.
Time, max.
Comments
tTR24
PLL, TX
RX
32 µs
PLL settling time TX
RX
tTR25
RSSI
BPSK-20: 32 µs
BPSK-40: 24 µs
O-QPSK: 8 µs
RSSI update period in receive states, refer to section 6.4.2
tTR26
ED
8 symbol periods
ED measurement period, refer to section 6.5
Different timing with High Data Rate Modes, see sections 6.5.5 and
7.1.4.3
tTR28
CCA
8 symbol periods
CCA measurement period, refer to section 6.6.2
tTR29
Random value
1 µs
Random value update period, refer to section 9.2.1
5.1.5 Register Description
Register 0x01 (TRX_STATUS):
A read access to TRX_STATUS register signals the current radio transceiver state. A
state change is initiated by writing a state transition command to register bits
TRX_CMD (register 0x02, TRX_STATE). Alternatively, a state transition can be initiated
by the rising edge of pin 11 (SLP_TR) in the appropriate state.
This register is used for Basic and Extended Operating Mode, refer to section 5.2.
Table 5-3. Register 0x01 (TRX_STATUS)
Bit
7
6
5
4
Name
CCA_DONE
CCA_STATUS
Reserved
TRX_STATUS[4]
Read/Write
R
R
R
R
Reset Value
0
0
0
0
Bit
3
2
1
0
Name
TRX_STATUS[3]
TRX_STATUS[2]
TRX_STATUS[1]
TRX_STATUS[0]
Read/Write
R
R
R
R
Reset Value
0
0
0
0
• Bit 7 – CCA_DONE
Refer to section 6.6
• Bit 6 – CCA_STATUS
Refer to section 6.6
• Bit 5 – Reserved
• Bit 4:0 – TRX_STATUS
The register bits TRX_STATUS signal the current radio transceiver status. If the
requested state transition is not completed yet, the TRX_STATUS returns
STATE_TRANSITION_IN_PROGRESS. Do not try to initiate a further state change
while the radio transceiver is in STATE_TRANSITION_IN_PROGRESS. State transition
timings are defined in Table 5-1.
Table 5-4. Radio Transceiver Status, Register Bits TRX_STATUS
Register Bits
Value
State Description
0x00
P_ON
TRX_STATUS
0x01
BUSY_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com