Electronic Components Datasheet Search
  English  ▼

X  

AT86RF212 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 700/800/900 MHz
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT86RF212 Datasheet HTML 30Page - ATMEL Corporation AT86RF212 Datasheet HTML 31Page - ATMEL Corporation AT86RF212 Datasheet HTML 32Page - ATMEL Corporation AT86RF212 Datasheet HTML 33Page - ATMEL Corporation AT86RF212 Datasheet HTML 34Page - ATMEL Corporation AT86RF212 Datasheet HTML 35Page - ATMEL Corporation AT86RF212 Datasheet HTML 36Page - ATMEL Corporation AT86RF212 Datasheet HTML 37Page - ATMEL Corporation AT86RF212 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 171 page
background image
34
8168B-MCU Wireless-02/09
AT86RF212
During reset, the microcontroller has to set the radio transceiver control pins SLP_TR
and /SEL to their default values.
An overview of the register reset values is provided in Table 11-2.
5.1.3 Interrupt Handling
All interrupts provided by the AT86RF212 (see Table 4-15) are supported in Basic
Operating Mode.
For example, interrupts are provided to observe the status of radio transceiver RX and
TX operations.
When being in receive mode, IRQ_2 (RX_START) indicates the detection of a non-zero
PHR first, IRQ_5 (AMI) an address match and IRQ_3 (TRX_END) the completion of the
frame reception.
During transmission IRQ_3 (TRX_END) indicates the completion of the frame
transmission.
Figure 5-2 shows an example for a transmit/receive transaction between two devices
and the related interrupt events in Basic Operating Mode. Device 1 transmits a frame
containing a MAC header, MAC payload, and a valid FCS. The end of the frame
transmission is indicated by IRQ_3 (TRX_END).
The frame is received by Device 2. Interrupt IRQ_2 (RX_START) indicates the
detection of a valid PHR field, and IRQ_3 (TRX_END) the completion of the frame
reception. If the frame passes the Frame Filter, refer to 6.2, an address match interrupt
IRQ_5 (AMI) is issued after the reception of the MAC header (MHR).
Processing delay tIRQ is a typical value, refer to section 10.4.
Figure 5-2. Timing of RX_START, AMI, and TRX_END Interrupts in Basic Operating Mode for O-QPSK 250 kbit/s Mode
128
160
192
0192+(m+n+2)*32 Time [µs]
IRQ_2 (RX_START)
tIRQ
RX_ON
RX_ON
IRQ
TRX_STATE
Interrupt latency
TRX_END
IRQ_5 (AMI)
tIRQ
tIRQ
BUSY_RX
IRQ_3 (TRX_END)
PLL_ON
BUSY_TX
PLL_ON
IRQ
SLP_TR
TRX_STATE
Processing Delay
Preamble
SFD
PHR
MSDU
41
1
m
Number of Octets
Frame Content
MHR
FCS
2
tTR10
-tTR10
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com