Electronic Components Datasheet Search
  English  ▼

X  

AT86RF212 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 700/800/900 MHz
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT86RF212 Datasheet HTML 45Page - ATMEL Corporation AT86RF212 Datasheet HTML 46Page - ATMEL Corporation AT86RF212 Datasheet HTML 47Page - ATMEL Corporation AT86RF212 Datasheet HTML 48Page - ATMEL Corporation AT86RF212 Datasheet HTML 49Page - ATMEL Corporation AT86RF212 Datasheet HTML 50Page - ATMEL Corporation AT86RF212 Datasheet HTML 51Page - ATMEL Corporation AT86RF212 Datasheet HTML 52Page - ATMEL Corporation AT86RF212 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 171 page
background image
49
8168B-MCU Wireless-02/09
AT86RF212
Table 5-10. Configuration of a PAN Coordinator
Register
Address
Register
Bits
Register Name
Description
0x20,0x21
0x22,0x23
0x24
…
0x2B
SHORT_ADDR_0/1
PAN_ADDR_0/1
IEEE_ADDR_0
…
IEEE_ADDR_7
Setup Frame Filter, see section 6.2.1
0x0C
7
RX_SAFE_MODE
0
: disable frame protection
1
: enable frame protection
0x2C
0
SLOTTED_OPERATION
0
: Transceiver operates in unslotted
mode.
1
: Transceiver operates in slotted mode,
see section 5.2.3.5.
0x2E
3
AACK_I_AM_COORD
1
: device is PAN coordinator
0x2E
5
AACK_SET_PD
0
: frame pending subfield is 0 in FCF
1
: frame pending subfield is 1 in FCF
0x2E
7:6
AACK_FVN_MODE
Controls the ACK behavior depending on
FCF frame version number
b00
: acknowledges only frames with
version number 0, i.e. according to
IEEE 802.15.4-2003 frames
b01
: acknowledges only frames with
version number 0 or 1, i.e. frames
according to IEEE 802.15.4-2003/2006
b10
: acknowledges only frames with
version number 0 or 1 or 2
b11
: acknowledges all frames,
independent of the FCF frame version
number
Promiscuous Mode or Sniffer
The promiscuous mode is described in IEEE 802.15.4-2006, section 7.5.6.5. This mode
is further illustrated in Figure 5-9. According to IEEE 802.15.4-2006 in promiscuous
mode, the MAC sub layer shall pass received frames with correct FCS to the next
higher layer without further processing. This implies that received frames should never
be automatically acknowledged.
In order to support sniffer application and promiscuous mode, only second level filter
rules as defined by IEEE 802.15.4-2006, section 7.5.6.2, are applied to the received
frame.
Table 5-11 shows the RX_AACK configuration registers, required to setup a typical
IEEE 802.15.4 compliant device, which operates in promiscuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com