Electronic Components Datasheet Search
  English  ▼

X  

LT3050 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3050
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3050 Datasheet HTML 3Page - Linear Technology LT3050 Datasheet HTML 4Page - Linear Technology LT3050 Datasheet HTML 5Page - Linear Technology LT3050 Datasheet HTML 6Page - Linear Technology LT3050 Datasheet HTML 7Page - Linear Technology LT3050 Datasheet HTML 8Page - Linear Technology LT3050 Datasheet HTML 9Page - Linear Technology LT3050 Datasheet HTML 10Page - Linear Technology LT3050 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3050
7
3050f
Output Noise Spectral Density
CREF/BYP = 0
Output Noise Spectral Density
vs CREF/BYP
RMS Output Noise vs Load Current
vs CREF/BYP
RMS Output Noise vs Load Current
CREF/BYP = 10nF
Input Ripple Rejection
Minimum Input Voltage
Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
FREQUENCY (Hz)
90
40
50
60
70
80
30
3050 G19
0
10
20
10
100
1K
10K
100K
1M
10M
IL = 100mA
CREF/BYP = 100pF
VOUT = 5V
VIN = 5.8V + 50mVRMS RIPPLE
COUT = 2.2μF
COUT = 10μF
TEMPERATURE (°C)
2.2
1.2
1.4
1.6
1.8
2.0
1.0
3050 G20
0
0.2
0.4
0.6
0.8
–75 –50 –25 0
25 50 75 100 125 150 175
IL =100mA
TEMPERATURE (°C)
4
1
2
3
0
3050 G21
–4
–2
–1
–3
–75 –50
0 25
–25
50 75 100 125 150 175
ΔIL = 1mA TO 100mA
VOUT = 0.6V
VIN = 2.2V
LOAD CURRENT (mA)
0.01
0
40
30
20
10
110
100
90
80
70
60
50
10
1
100
3050 G24
0.1
VOUT = 0.6V
COUT = 10μF
CREF/BYP = 0
CREF/BYP = 10pF
CREF/BYP = 100pF
CREF/BYP = 1nF
CREF/BYP = 10nF
CREF/BYP = 100nF
LOAD CURRENT (mA)
0.01
0
50
40
30
20
10
170
120
130
140
150
160
110
100
90
80
70
60
10
1
100
3050 G25
0.1
VOUT = 5V
VOUT = 3.3V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 0.6V
fOUT = 10Hz TO 100kHz
COUT = 10μF
TEMPERATURE (°C)
100
20
40
50
60
70
80
90
30
10
3050 G19a
0
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 100mA
VOUT = 5V
VIN = 5.8V + 0.5VP-P RIPPLE AT f = 120Hz
COUT = 10μF
CREF/BYP = 10nF
FREQUENCY (Hz)
10
1
3050 G22
0.01
0.1
10
100
1K
10K
100k
IL = 100mA
COUT = 10μF
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.6V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
FREQUENCY (Hz)
10
0.01
1
0.1
10
10k
1k
100k
3050 G23
100
VOUT = 5V
CREF/BYP = 10nF
CREF/BYP = 1nF
VOUT = 0.6V
COUT = 10μF
IL = 100mA
CREF/BYP = 100pF
Ripple Rejection vs Temperature
Startup Time
vs REF/BYP Capacitor
REF/BYP CAPACITOR (nF)
60
50
40
30
3050 G33
0
10
20
0
102030405060708090 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com