Electronic Components Datasheet Search
  English  ▼

X  

LT3050 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3050
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3050 Datasheet HTML 5Page - Linear Technology LT3050 Datasheet HTML 6Page - Linear Technology LT3050 Datasheet HTML 7Page - Linear Technology LT3050 Datasheet HTML 8Page - Linear Technology LT3050 Datasheet HTML 9Page - Linear Technology LT3050 Datasheet HTML 10Page - Linear Technology LT3050 Datasheet HTML 11Page - Linear Technology LT3050 Datasheet HTML 12Page - Linear Technology LT3050 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3050
9
3050f
IOUT/IMON Current Ratio
VOUT = 5V, VIN = 5.6V
Minimum Output Current
Threshold RIMIN = 11.3k
Minimum Output Current
Threshold RIMIN = 110k
IOUT/IMON Current Ratio
VOUT = 5V, VIN = 12V
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
TEMPERATURE (°C)
11.00
10.25
10.50
10.75
9.75
10.00
3050 G38
9.00
9.25
9.50
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = 5V
VIN = 5.6V
VIN = 12V
VIN = 15V
TEMPERATURE (°C)
1.100
1.025
1.050
1.075
0.975
1.000
3050 G37
0.900
0.925
0.950
–75 –50 –25 0
25 50 75 100 125 150 175
VOUT = 5V
VIN = 15V
VIN = 12V
VIN = 5.6V
IOUT (mA)
102
97
98
99
100
101
95
96
3050 G39
92
93
94
0
25
50
75
100
125
VIMON = 1V
VIMON = 0V
VIMON = 2V
VIMON = 3V
VIMON = 4V
VIMON = 5V
IOUT (mA)
102
97
98
99
100
101
95
96
3050 G40
92
93
94
0
25
50
75
100
125
VIMON = 1V
VIMON = 0V
VIMON = 2V
VIMON = 3V
VIMON = 5V
VIMON = 4V
IOUT/IMON Current Ratio
VOUT = 5, VIN = 5.6V
IOUT (mA)
102
96
97
98
99
100
94
95
3050 G41
91
92
93
0
25
50
75
100
125
125°C
25°C
–55°C
VIMON = 5V
VIMON = 0V
IOUT (mA)
103
98
9
100
101
102
96
97
3050 G42
93
94
95
0
25
50
75
100
125
125°C
25°C
–55°C
VIMON = 5V
VIMON = 0V
IOUT (mA)
5
0
1
2
3
4
–2
–1
3050 G43
–5
–4
–3
0
25
50
75
100
125
IOUT = IMONR •
•
VIMON
RIMON
70 + VIN – VOUT
70 + VIN – VOUT
(SEE PAGE 12 FOR DETAILS)
VIN=5.6V, RIMON=1k
VIN=5.6V, RIMON=2k
VIN=5.6V, RIMON=3k
VIN=12V, RIMON=1k
VIN=12V, RIMON=2k
VIN=12V, RIMON=3k
IOUT/IMON Current Ratio
VOUT = 5V, VIN = 12V
IOUT Calculated From IMON
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com