Electronic Components Datasheet Search
  English  ▼

X  

LT3050 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3050
Description  100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 3 Page - Linear Technology

  LT3050 Datasheet HTML 1Page - Linear Technology LT3050 Datasheet HTML 2Page - Linear Technology LT3050 Datasheet HTML 3Page - Linear Technology LT3050 Datasheet HTML 4Page - Linear Technology LT3050 Datasheet HTML 5Page - Linear Technology LT3050 Datasheet HTML 6Page - Linear Technology LT3050 Datasheet HTML 7Page - Linear Technology LT3050 Datasheet HTML 8Page - Linear Technology LT3050 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3050
3
3050f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 3, 11)
ILOAD = 100mA
l
1.6
2.2
V
ADJ Pin Voltage (Notes 3, 4)
VIN = 2.2V, ILOAD = 1mA
2.2V < VIN < 15V, 1mA < ILOAD < 100mA (Note 15)
l
594
588
600
606
612
mV
mV
Line Regulation (Note 3)
ΔVIN = 2.2V to 45V, ILOAD = 1mA
l
0.25
3
mV
Load Regulation (Note 3)
VIN = 2.2V, ILOAD = 1mA to 100mA
l
0.2
4
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 5, 6)
ILOAD = 1mA
ILOAD = 1mA
l
110
150
220
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
195
240
340
mV
mV
ILOAD = 50mA
ILOAD = 50mA
l
280
330
450
mV
mV
ILOAD = 100mA
ILOAD = 100mA
l
340
400
550
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL) + 0.6V (Notes 6, 7, 11)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
l
l
l
l
l
45
60
175
0.85
2.2
90
160
370
2
5.2
μA
μA
μA
mA
mA
Quiescent Current in Shutdown
VIN = 12V, VSHDN = 0V
0.17
1
μA
ADJ Pin Bias Current (Notes 3, 12)
VIN = 12V
l
12.5
60
nA
Output Voltage Noise
COUT = 10μF, ILOAD = 100mA, VOUT = 600mV,
BW = 10Hz to 100kHz
90
μVRMS
Output Voltage Noise
COUT = 10μF, CBYP = 0.01μF, ILOAD = 100mA, VOUT = 600mV
BW = 10Hz to 100kHz
30
μVRMS
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.3
0.7
0.6
1.5
V
V
SHDN Pin Current (Note 13)
VSHDN = 0V
VSHDN = 45V
l
l
0.9
1
3
μA
μA
Ripple Rejection (Note 3)
VIN –VOUT = 2V (AVG), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 100mA
70
85
dB
FAULT Pin Logic Low Voltage
VIN = 2.2V, FAULT Asserted, IFAULT = 100μA
l
140
250
mV
FAULT Pin Leakage Current
FAULT = 5V, FAULT Not Asserted
0.01
1
μA
Input Reverse Leakage Current
VIN = –45V, VOUT = 0
l
300
μA
Reverse Output Current (Note 14)
VOUT = 1.2V, VIN = 0
0.2
10
μA
Internal Current Limit (Note 3)
VIN = 2.2V, VOUT = 0, IMAX Pin Grounded
ΔVOUT = –5%
l
110
240
mA
External Programmed Current Limit (Note 8)
5.6V < VIN < 15V, VOUT = 5V, RIMAX = 2.26K
FAULT Pin Threshold
l
47.8
50.4
52.9
mA
5.6V < VIN < 15V, VOUT = 5V, RIMAX = 1.5K
FAULT Pin Threshold
l
72.1
75.9
79.7
mA
5.6V < VIN < 15V, VOUT = 5V, RIMAX = 1.15K
FAULT Pin Threshold
l
94.4
99.3
104.3
mA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com