Electronic Components Datasheet Search
  English  ▼

X  

ISL8013A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8013A Datasheet HTML 3Page - Intersil Corporation ISL8013A Datasheet HTML 4Page - Intersil Corporation ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation ISL8013A Datasheet HTML 10Page - Intersil Corporation ISL8013A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7526.0
November 25, 2009
ISL8013A
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C,
VVIN = 2.5V to 5.5V, EN = VIN, SYNCH = 0V, L = 1.5µH,
C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A.
FIGURE 3. EFFICIENCY vs LOAD (1MHz 3.3 VIN PWM)
FIGURE 4. EFFICIENCY vs LOAD (1MHz 3.3 VIN PFM)
FIGURE 5. EFFICIENCY vs LOAD (1MHz 5VIN PWM)
FIGURE 6. EFFICIENCY vs LOAD (1MHz 5VIN PFM)
FIGURE 7. POWER DISSIPATION vs LOAD (1MHz,
VOUT = 1.8V)
FIGURE 8. POWER DISSIPATION WITH NO LOAD vs
VIN (PWM VOUT = 1.8V)
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VOUT-PWM
1.8VOUT-PWM
1.5VOUT-PWM
1.2VOUT-PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
40
50
60
70
80
90
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
OUTPUT LOAD (A)
2.5VOUT-PFM
1.8VOUT-PFM 1.5VOUT-PFM
1.2VOUT-PFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VOUT-PWM
1.8VOUT-PWM 1.5VOUT-PWM
1.2VOUT-PWM
3.3VOUT-PWM
40
50
60
70
80
90
100
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
OUTPUT LOAD (A)
2.5VOUT-PFM 1.8VOUT-PFM
1.5VOUT-PFM
1.2VOUT-PFM
3.3VOUT-PFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT LOAD (A)
5VIN-PWM
3.3VIN-PFM
3.3VIN-PWM
5VIN-PFM
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com