Electronic Components Datasheet Search
  English  ▼

X  

ISL8013A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation ISL8013A Datasheet HTML 10Page - Intersil Corporation ISL8013A Datasheet HTML 11Page - Intersil Corporation ISL8013A Datasheet HTML 12Page - Intersil Corporation ISL8013A Datasheet HTML 13Page - Intersil Corporation ISL8013A Datasheet HTML 14Page - Intersil Corporation ISL8013A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN7526.0
November 25, 2009
FIGURE 27. SOFT-START AT FULL LOAD
FIGURE 28. SOFT-DISCHARGE SHUTDOWN
FIGURE 29. STEADY STATE OPERATION AT NO LOAD
WITH FREQUENCY = 2MHz
FIGURE 30. STEADY STATE OPERATION AT FULL
LOAD WITH FREQUENCY = 2MHz
FIGURE 31. STEADY STATE OPERATION AT NO LOAD
WITH FREQUENCY = 4MHz
FIGURE 32. STEADY STATE OPERATION AT FULL
LOAD (PWM) WITH FREQUENCY = 4MHz
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C,
VVIN = 2.5V to 5.5V, EN = VIN, SYNCH = 0V, L = 1.5µH,
C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A. (Continued)
VOUT 0.5V/DIV
IL 1A/DIV
EN 5V/DIV
PG 5V/DIV
VOUT 0.5V/DIV
IL 1A/DIV
EN 5V/DIV
PG 5V/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com