Electronic Components Datasheet Search
  English  ▼

X  

ISL8013A Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL8013A Datasheet HTML 9Page - Intersil Corporation ISL8013A Datasheet HTML 10Page - Intersil Corporation ISL8013A Datasheet HTML 11Page - Intersil Corporation ISL8013A Datasheet HTML 12Page - Intersil Corporation ISL8013A Datasheet HTML 13Page - Intersil Corporation ISL8013A Datasheet HTML 14Page - Intersil Corporation ISL8013A Datasheet HTML 15Page - Intersil Corporation ISL8013A Datasheet HTML 16Page - Intersil Corporation ISL8013A Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
FN7526.0
November 25, 2009
.
PG
During power-up, the open-drain power good output
holds low for about 1ms after VOUT reaches the
regulation voltage. The PG output also serves as a 1ms
delayed the Power Good signal when the pull-up resistor
R1 is installed.
UVLO
When the input voltage is below the undervoltage
lock-out (UVLO) threshold, the regulator is disabled.
Soft Start-Up
The soft-start-up reduces the inrush current during the
start-up. The soft-start block outputs a ramp reference to
the input of the error amplifier. This voltage ramp limits
the inductor current as well as the output voltage speed
so that the output voltage rises in a controlled fashion.
When VFB is less than 0.2V at the beginning of the
soft-start, the switching frequency is reduced to 1/3 of
the nominal value so that the output can start-up
smoothly at light load condition. During soft-start, the IC
operates in the SKIP mode to support pre-biased output
condition.
Enable
The enable (EN) input allows the user to control the
turning on or off the regulator for purposes such as
power-up sequencing. When the regulator is enabled,
there is typically a 600µs delay for waking up the
bandgap reference and then the soft-start-up begins.
Discharge Mode (Soft-Stop)
When a transition to shutdown mode occurs or the VIN
UVLO is set, the outputs discharge to GND through an
internal 100Ω switch.
Power MOSFETs
The power MOSFETs are optimized for best efficiency.
The ON-resistance for the P-MOSFET is typically 50mΩ
and the ON-resistance for the N-MOSFET is typically
50mΩ.
100% Duty Cycle
The ISL8013A features 100% duty cycle operation to
maximize the battery life. When the battery voltage
drops to a level that the ISL8013A can no longer
maintain the regulation at the output, the regulator
completely turns on the P-MOSFET. The maximum
dropout voltage under the 100% duty-cycle operation is
the product of the load current and the ON-resistance of
the P-MOSFET.
Thermal Shut-Down
The ISL8013A has built-in thermal protection. When the
internal temperature reaches +140°C, the regulator is
completely shut down. As the temperature drops to
+115°C, the ISL8013A resumes operation by stepping
through the soft-start.
Applications Information
Output Inductor and Capacitor Selection
To consider steady state and transient operations,
ISL8013A typically uses a 1.5µH output inductor. The
higher or lower inductor value can be used to optimize
the total converter system performance. For example, for
higher output voltage 3.3V application, in order to
decrease the inductor current ripple and output voltage
ripple, the output inductor value can be increased. It is
recommended to set the ripple inductor current
approximately 30% of the maximum output current for
optimized performance. The inductor ripple current can
be expressed as shown in Equation 1:
The inductor’s saturation current rating needs to be at
least larger than the peak current. The ISL8013A
protects the typical peak current 4.8A. The saturation
current needs be over 5.5A for maximum output current
application.
ISL8013A uses internal compensation network and the
output capacitor value is dependent on the output
FIGURE 37. SKIP MODE OPERATION WAVEFORMS
CLOCK
IL
VOUT
NOMINAL +1.5%
NOMINAL
PFM CURRENT LIMIT
LOAD CURRENTT
0
PWM
PFM
8 CYCLES
ΔI
V
O
1
V
O
V
IN
---------
–
⎝⎠
⎜⎟
⎛⎞
⋅
Lf
S
⋅
-------------------------------------
=
(EQ. 1)
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com