Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 3Page - Maxim Integrated Products MAX11044 Datasheet HTML 4Page - Maxim Integrated Products MAX11044 Datasheet HTML 5Page - Maxim Integrated Products MAX11044 Datasheet HTML 6Page - Maxim Integrated Products MAX11044 Datasheet HTML 7Page - Maxim Integrated Products MAX11044 Datasheet HTML 8Page - Maxim Integrated Products MAX11044 Datasheet HTML 9Page - Maxim Integrated Products MAX11044 Datasheet HTML 10Page - Maxim Integrated Products MAX11044 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
7
-0.003
0
0.003
0.005
-0.005
GAIN ERROR AND GAIN ERROR
MATCHING vs. SUPPLY VOLTAGE
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
GAIN ERROR
GAIN ERROR MATCHING
TA = +25°C
GAIN ERROR AND GAIN ERROR
MATCHING vs. TEMPERATURE
-0.006
-0.002
0.002
0.006
0.010
-0.010
OFFSET ERROR
MATCHING
OFFSET ERROR
VAVDD = 5.0V
TEMPERATURE (°C)
60
35
10
-15
-40
85
FFT PLOT
FREQUENCY (kHz)
100
75
50
25
-120
-100
-80
-60
-40
-20
0
-140
0125
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
Typical Operating Characteristics (continued)
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. TEMPERATURE
91
92
93
94
95
90
SNR
SINAD
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
TEMPERATURE (°C)
60
35
10
-15
-40
85
SNR AND SINAD
vs. ANALOG SUPPLY VOLTAGE
91.0
91.5
92.0
92.5
93.0
90.5
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
SNR
SINAD
FREQUENCY (kHz)
12.0
11.2
10.4
9.6
8.8
8.0
7.2
12.8
TWO-TONE IMD PLOT
fIN1 = 9838Hz
fIN2 = 10235Hz
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
VRDC = 4.096V
VIN = -0.01dBFS
-120
-100
-80
-60
-40
-20
0
-140
TOTAL HARMONIC DISTORTION
vs. TEMPERATURE
-104.5
-104.0
-103.5
-103.0
-102.5
-105.0
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
TEMPERATURE (°C)
60
35
10
-15
-40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com