Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 11Page - Maxim Integrated Products MAX11044 Datasheet HTML 12Page - Maxim Integrated Products MAX11044 Datasheet HTML 13Page - Maxim Integrated Products MAX11044 Datasheet HTML 14Page - Maxim Integrated Products MAX11044 Datasheet HTML 15Page - Maxim Integrated Products MAX11044 Datasheet HTML 16Page - Maxim Integrated Products MAX11044 Datasheet HTML 17Page - Maxim Integrated Products MAX11044 Datasheet HTML 18Page - Maxim Integrated Products MAX11044 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Bypass AVDD and DVDD to the ground plane with
0.1µF ceramic chip capacitors on each pin as close as
possible to the device to minimize parasitic inductance.
Add at least one bulk 10µF decoupling capacitor to
AVDD and DVDD per PCB. Interconnect all of the
AVDD inputs and DVDD inputs using two solid power
planes. For best performance, bring the AVDD power
plane in on the analog interface side of the MAX11044/
MAX11045/MAX11046 and the DVDD power plane from
the digital interface side of the device.
For acquisition periods near minimum (1µs) use a 1nF
C0G ceramic chip capacitor between each of the chan-
nel inputs to the ground plane as close as possible to
the MAX11044/MAX11045/MAX11046. This capacitor
reduces the inductance seen by the sampling circuitry
and reduces the voltage transient seen by the input
source circuit.
Typical Application Circuits
Power-Grid Protection
Figure 10 shows a typical power-grid protection application.
DSP Motor Control
Figure 11 shows a typical DSP motor control application.
Definitions
Integral Nonlinearity (INL)
INL is the deviation of the values on an actual transfer
function from a straight line. For these devices, this
straight line is a line drawn between the end points of
the transfer function, once offset and gain errors have
been nullified.
Differential Nonlinearity (DNL)
DNL is the difference between an actual step width and
the ideal value of 1 LSB. For these devices, the DNL of
each digital output code is measured and the worst-case
value is reported in the
Electrical Characteristics table. A
DNL error specification of greater than -1 LSB guaran-
tees no missing codes and a monotonic transfer func-
tion. For example, -0.9 LSB guarantees no missing code
while -1.1 LSB results in missing code.
Offset Error
For the MAX11044/MAX11045/MAX11046, the offset
error is defined at code transition 0x8000 to 0x8001 in
offset binary encoding and 0x0000 to 0x0001 for two’s
complement encoding. The offset code transitions
should occur with an analog input voltage of exactly 0.5
x (10/4.096) x VREF/65,536 above GND. The offset error
is defined as the deviation between the actual analog
input voltage required to produce the offset code transi-
tion and the ideal analog input of 0.5 x (10/4.096) x
VREF/65,536 above GND, expressed in LSBs.
Gain Error
Gain error is defined as the difference between the
change in analog input voltage required to produce a top
code transition minus a bottom code transition, subtract-
ed from the ideal change in analog input voltage on
(10/4.096) x VREF x (65,534/65,536). For the
MAX11044/MAX11045/MAX11046, top code transition is
0x7FFE to 0x7FFF in two’s complement mode and
0xFFFE to 0xFFFF in offset binary mode. The bottom code
transition is 0x8000 and 0x8001 in two’s complement
-FS
7FFF
0001
0000
8000
8001
FFFE
INPUT VOLTAGE (LSB)
FFFF
0
FULL-SCALE
TRANSITION
ZS = 0
+FS
+FS - 1.5 x LSB
-FS + 0.5 x LSB
7FFE
+FS =
-5 x VREF
-FS =
4.096
5 x VREF
4.096
LSB =
+FS - (-FS)
65,536
VIN x 32,768
VREFIO
CODE =
4.096
5
Figure 8. Two’s Complement Transfer Function
FULL-SCALE
TRANSITION
+FS =
5 x VREF
4.096
ZS =
-5 x VREF
4.096
LSB =
+FS - (-FS)
65,536
VIN x 32,768
VREFIO
CODE =
+ 32,768
4.096
5
-FS
FFFF
8001
8000
0000
0001
7FFE
INPUT VOLTAGE (LSB)
7FFF
0
+FS
+FS - 1.5 x LSB
-FS + 0.5 x LSB
FFFE
Figure 9. Offset-Binary Transfer Function
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
______________________________________________________________________________________
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com