Electronic Components Datasheet Search
  English  ▼

X  

MAX11044 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11044
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11044 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11044 Datasheet HTML 4Page - Maxim Integrated Products MAX11044 Datasheet HTML 5Page - Maxim Integrated Products MAX11044 Datasheet HTML 6Page - Maxim Integrated Products MAX11044 Datasheet HTML 7Page - Maxim Integrated Products MAX11044 Datasheet HTML 8Page - Maxim Integrated Products MAX11044 Datasheet HTML 9Page - Maxim Integrated Products MAX11044 Datasheet HTML 10Page - Maxim Integrated Products MAX11044 Datasheet HTML 11Page - Maxim Integrated Products MAX11044 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
8
_______________________________________________________________________________________
-104
-103
-102
-101
-100
-99
-105
TOTAL HARMONIC DISTORTION
vs. ANALOG SUPPLY VOLTAGE
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25
SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. FREQUENCY
FREQUENCY (kHz)
10
1
84
86
88
90
92
94
96
82
0.1
100
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
FREQUENCY (kHz)
10
1
-110
-105
-100
-95
-90
-85
-80
-115
0.1
100
THD vs. INPUT FREQUENCY
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
Typical Operating Characteristics (continued)
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
OUTPUT NOISE HISTOGRAM WITH
INPUT CONNECTED TO GND
OUTPUT CODE (DECIMAL)
0
50,000
100,000
150,000
200,000
VCHX = 0V
VAVDD = 5.0V
fSAMPLE = 250ksps
TA = +25°C
CONVERSION TIME vs. TEMPERATURE
2.93
2.94
2.95
2.96
2.98
2.97
2.99
3.00
2.92
TEMPERATURE (°C)
60
35
10
-15
-40
85
CROSSTALK vs. FREQUENCY
-130
-120
-110
-100
-90
-140
FREQUENCY (kHz)
10
1
0.1
100
fIN = 60kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
INACTIVE CHANNEL AT GND
CONVERSION TIME
vs. ANALOG SUPPLY VOLTAGE
2.93
2.94
2.95
2.96
2.98
2.97
2.99
3.00
2.92
VAVDD (V)
5.15
5.05
4.95
4.85
4.75
5.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com