Electronic Components Datasheet Search
  English  ▼

X  

MAX11046 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11046 Datasheet HTML 7Page - Maxim Integrated Products MAX11046 Datasheet HTML 8Page - Maxim Integrated Products MAX11046 Datasheet HTML 9Page - Maxim Integrated Products MAX11046 Datasheet HTML 10Page - Maxim Integrated Products MAX11046 Datasheet HTML 11Page - Maxim Integrated Products MAX11046 Datasheet HTML 12Page - Maxim Integrated Products MAX11046 Datasheet HTML 13Page - Maxim Integrated Products MAX11046 Datasheet HTML 14Page - Maxim Integrated Products MAX11046 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
______________________________________________________________________________________
11
To make use of the input clamps (see Figure 1), con-
nect a resistor (RS) between the analog input and the
voltage source to limit the voltage at the analog input so
that the fault current into the MAX11044/MAX11045/
MAX11046 does not exceed ±20mA. Note that the volt-
age at the analog input pin limits to approximately 7V
during a fault condition so the following equation can
be used to calculate the value of RS:
where VFAULT_MAX is the maximum voltage that the
source produces during a fault condition.
Figures 2 and 3 illustrate the clamp circuit voltage-cur-
rent characteristics for a source impedance RS =
1280Ω. While the input voltage is within the ±(VAVDD +
300mV) range, no current flows in the input clamps.
Once the input voltage goes beyond this voltage range,
the clamps turn on and limit the voltage at the input pin.
R
VV
mA
S
FAULT MAX
_
=
-7
20
MAX11044
MAX11045
MAX11046
CLAMP
S/H
16-BIT ADC
CLAMP
INPUT
SIGNAL
PIN
VOLTAGE
RS
S/H
16-BIT ADC
REF
BUF
CONFIGURATION
REGISTERS
INTERFACE
AND
CONTROL
BANDGAP
REFERENCE
CH0
AVDD
AGNDS
AGND
CH7
SOURCE
DB15
DB0
DB3
DB4
EOC
SHDN
CONVST
CS
RD
WR
DGND
DVDD
RDC
REFIO
INT REF
EXT REF
Figure 1. Required Setup for Clamp Circuit
SIGNAL VOLTAGE AT SOURCE AND PIN (V)
-10
-30
30
10
30
-30
10
-10
-20
20
0
-50
50
RS = 1280Ω
VAVDD = 5V
AT CH_ INPUT
AT SOURCE
Figure 2. Input Clamp Characteristics
SIGNAL VOLTAGE AT SOURCE AND PIN (V)
-4
-6
246
0
-2
30
-30
10
-10
-20
20
0
-8
8
RS = 1280Ω
VAVDD = 5V
AT CH_ INPUT
AT SOURCE
Figure 3. Input Clamp Characteristics (Zoom In)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com