Electronic Components Datasheet Search
  English  ▼

X  

MAX11046 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11046 Datasheet HTML 1Page - Maxim Integrated Products MAX11046 Datasheet HTML 2Page - Maxim Integrated Products MAX11046 Datasheet HTML 3Page - Maxim Integrated Products MAX11046 Datasheet HTML 4Page - Maxim Integrated Products MAX11046 Datasheet HTML 5Page - Maxim Integrated Products MAX11046 Datasheet HTML 6Page - Maxim Integrated Products MAX11046 Datasheet HTML 7Page - Maxim Integrated Products MAX11046 Datasheet HTML 8Page - Maxim Integrated Products MAX11046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = +4.75V to +5.25V, DVDD = +2.70V to +5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x
33µF, CREFIO = 0.1µF, CAVDD = 4 x 0.1µF || 10µF, CDVDD = 3 x 0.1µF || 10µF; all digital inputs at DVDD or DGND, unless otherwise
noted, fSAMPLE = 250ksps. TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ........................................................-0.3V to +6V
DVDD to AGND and DGND .....................................-0.3V to +6V
DGND to AGND.....................................................-0.3V to +0.3V
AGNDS to AGND...................................................-0.3V to +0.3V
CH0–CH7 to AGND ...............................................-7.5V to +7.5V
REFIO, RDC to AGND ..................................-0.3V to the lower of
(AVDD + 0.3V) and +6V
EOC, WR, RD, CS, CONVST to AGND.........-0.3V to the lower of
(DVDD + 0.3V) and +6V
DB0–DB15 to AGND ....................................-0.3V to the lower of
(DVDD + 0.3V) and +6V
Maximum Current into Any Pin Except AVDD, DVDD, AGND,
DGND ...........................................................................±50mA
Continuous Power Dissipation
56-Pin TQFN (derate 36mW/°C above +70°C) ..........2222mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Note 1)
Resolution
N
16
Bits
(Note 2)
>-2
±0.8
<+2
Integral Nonlinearity
INL
(Note 3)
±0.7
LSB
(Note 4)
> -1
±0.5
< +1.2
(Note 5)
> -1
±0.7
< +1.5
Differential Nonlinearity
DNL
(Note 3)
±0.45
LSB
No Missing Codes
16
Bits
Offset Error
±0.002
±0.01
%FSR
Channel Offset Matching
±0.01
%FSR
Offset Temperature Coefficient
±2.4
µV/°C
Gain Error
±0.03
%FSR
Positive Full-Scale Error
±0.02
%FSR
Negative Full-Scale Error
±0.02
%FSR
Positive Full-Scale Error Matching
±0.02
%FSR
Negative Full-Scale Error Matching
±0.02
%FSR
Channel Gain-Error Matching
Between all channels
±0.03
%FSR
Gain Temperature Coefficient
±0.8
ppm/°C
DYNAMIC PERFORMANCE (Note 6)
Signal-to-Noise Ratio
SNR
fIN = 10kHz, full-scale input
91
92.3
dB
Signal-to-Noise and Distortion Ratio
SINAD
fIN = 10kHz, full-scale input
90.5
92
dB
Spurious-Free Dynamic Range
SFDR
fIN = 10kHz, full-scale input
95
106
dB
Total Harmonic Distortion
THD
fIN = 10kHz, full-scale input
-105
-95
dB
Channel-to-Channel Crosstalk
fIN = 60Hz, full scale and ground on
adjacent channel (Note 7)
-126
-100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com