Electronic Components Datasheet Search
  English  ▼

X  

ADC0801 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0801
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0801 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button ADC0801 Datasheet HTML 19Page - National Semiconductor (TI) ADC0801 Datasheet HTML 20Page - National Semiconductor (TI) ADC0801 Datasheet HTML 21Page - National Semiconductor (TI) ADC0801 Datasheet HTML 22Page - National Semiconductor (TI) ADC0801 Datasheet HTML 23Page - National Semiconductor (TI) ADC0801 Datasheet HTML 24Page - National Semiconductor (TI) ADC0801 Datasheet HTML 25Page - National Semiconductor (TI) ADC0801 Datasheet HTML 26Page - National Semiconductor (TI) ADC0801 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Functional Description (Continued)
Heavy capacitive or DC loading of the clock R pin should be
avoided as this will disturb normal converter operation.
Loads less than 50 pF, such as driving up to 7 A/D converter
clock inputs from a single clock R pin of 1 converter, are
allowed. For larger clock line loading, a CMOS or low power
TTL buffer or PNP input logic should be used to minimize the
loading on the clock R pin (do not use a standard TTL
buffer).
2.7 Restart During a Conversion
If the A/D is restarted (CS and WR go low and return high)
during a conversion, the converter is reset and a new con-
version is started. The output data latch is not updated if the
conversion in process is not allowed to be completed, there-
fore the data of the previous conversion remains in this latch.
The INTR output simply remains at the “1” level.
2.8 Continuous Conversions
For operation in the free-running mode an initializing pulse
should be used, following power-up, to ensure circuit opera-
tion. In this application, the CS input is grounded and the WR
input is tied to the INTR output. This WR and INTR node
should be momentarily forced to logic low following a
power-up cycle to guarantee operation.
2.9 Driving the Data Bus
This MOS A/D, like MOS microprocessors and memories,
will require a bus driver when the total capacitance of the
data bus gets large. Other circuitry, which is tied to the data
bus, will add to the total capacitive loading, even in
TRI-STATE (high impedance mode). Backplane bussing
also greatly adds to the stray capacitance of the data bus.
There are some alternatives available to the designer to
handle this problem. Basically, the capacitive loading of the
data bus slows down the response time, even though DC
specifications are still met. For systems operating with a
relatively slow CPU clock frequency, more time is available
in which to establish proper logic levels on the bus and
therefore higher capacitive loads can be driven (see typical
characteristics curves).
At higher CPU clock frequencies time can be extended for
I/O reads (and/or writes) by inserting wait states (8080) or
using clock extending circuits (6800).
Finally, if time is short and capacitive loading is high, external
bus drivers must be used. These can be TRI-STATE buffers
(low power Schottky such as the DM74LS240 series is rec-
ommended) or special higher drive current products which
are designed as bus drivers. High current bipolar bus drivers
with PNP inputs are recommended.
2.10 Power Supplies
Noise spikes on the V
CC supply line can cause conversion
errors as the comparator will respond to this noise. A low
inductance tantalum filter capacitor should be used close to
the converter V
CC pin and values of 1 µF or greater are
recommended. If an unregulated voltage is available in the
system, a separate LM340LAZ-5.0, TO-92, 5V voltage regu-
lator for the converter (and other analog circuitry) will greatly
reduce digital noise on the V
CC supply.
2.11 Wiring and Hook-Up Precautions
Standard digital wire wrap sockets are not satisfactory for
breadboarding this A/D converter. Sockets on PC boards
can be used and all logic signal wires and leads should be
grouped and kept as far away as possible from the analog
signal leads. Exposed leads to the analog inputs can cause
undesired digital noise and hum pickup, therefore shielded
leads may be necessary in many applications.
A single point analog ground that is separate from the logic
ground points should be used. The power supply bypass
capacitor and the self-clocking capacitor (if used) should
both be returned to digital ground. Any V
REF/2 bypass ca-
pacitors, analog input filter capacitors, or input signal shield-
ing should be returned to the analog ground point. A test for
proper grounding is to measure the zero error of the A/D
converter. Zero errors in excess of 1⁄4 LSB can usually be
traced to improper board layout and wiring (see section 2.5.1
for measuring the zero error).
3.0 TESTING THE A/D CONVERTER
There are many degrees of complexity associated with test-
ing an A/D converter. One of the simplest tests is to apply a
known analog input voltage to the converter and use LEDs to
display the resulting digital output code as shown in
Figure 9.
For ease of testing, the V
REF/2 (pin 9) should be supplied
with 2.560 V
DC andaVCC supply voltage of 5.12 VDC should
be used. This provides an LSB value of 20 mV.
If a full-scale adjustment is to be made, an analog input
voltage of 5.090 V
DC (5.120–1
1
⁄2 LSB) should be applied to
the V
IN(+) pin with the VIN(−) pin grounded. The value of the
V
REF/2 input voltage should then be adjusted until the digital
output code is just changing from 1111 1110 to 1111 1111.
This value of V
REF/2 should then be used for all the tests.
The digital output LED display can be decoded by dividing
the 8 bits into 2 hex characters, the 4 most significant (MS)
and the 4 least significant (LS).
Table 1 shows the fractional
binary equivalent of these two 4-bit groups. By adding the
voltages obtained from the “VMS” and “VLS” columns in
Table 1, the nominal value of the digital display (when
V
REF/2 = 2.560V) can be determined. For example, for an
output LED display of 1011 0110 or B6 (in hex), the voltage
values from the table are 3.520 + 0.120 or 3.640 V
DC. These
voltage values represent the center-values of a perfect A/D
converter. The effects of quantization error have to be ac-
counted for in the interpretation of the test results.
DS005671-17
FIGURE 8. Self-Clocking the A/D
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com