Electronic Components Datasheet Search
  English  ▼

X  

ADC0801 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0801
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0801 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button ADC0801 Datasheet HTML 20Page - National Semiconductor (TI) ADC0801 Datasheet HTML 21Page - National Semiconductor (TI) ADC0801 Datasheet HTML 22Page - National Semiconductor (TI) ADC0801 Datasheet HTML 23Page - National Semiconductor (TI) ADC0801 Datasheet HTML 24Page - National Semiconductor (TI) ADC0801 Datasheet HTML 25Page - National Semiconductor (TI) ADC0801 Datasheet HTML 26Page - National Semiconductor (TI) ADC0801 Datasheet HTML 27Page - National Semiconductor (TI) ADC0801 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Functional Description (Continued)
For a higher speed test system, or to obtain plotted data, a
digital-to-analog converter is needed for the test set-up. An
accurate 10-bit DAC can serve as the precision voltage
source for the A/D. Errors of the A/D under test can be
expressed as either analog voltages or differences in 2
digital words.
A basic A/D tester that uses a DAC and provides the error as
an analog output voltage is shown in
Figure 8. The2op
amps can be eliminated if a lab DVM with a numerical
subtraction feature is available to read the difference volt-
age, “A–C”, directly. The analog input voltage can be sup-
plied by a low frequency ramp generator and an X-Y plotter
can be used to provide analog error (Y axis) versus analog
input (X axis).
For operation with a microprocessor or a computer-based
test system, it is more convenient to present the errors
digitally. This can be done with the circuit of
Figure 11, where
the output code transitions can be detected as the 10-bit
DAC is incremented. This provides 1⁄4 LSB steps for the 8-bit
A/D under test. If the results of this test are automatically
plotted with the analog input on the X axis and the error (in
LSB’s) as the Y axis, a useful transfer function of the A/D
under test results. For acceptance testing, the plot is not
necessary and the testing speed can be increased by estab-
lishing internal limits on the allowed error for each code.
4.0 MICROPROCESSOR INTERFACING
To dicuss the interface with 8080A and 6800 microproces-
sors, a common sample subroutine structure is used. The
microprocessor starts the A/D, reads and stores the results
of 16 successive conversions, then returns to the user’s
program. The 16 data bytes are stored in 16 successive
memory locations. All Data and Addresses will be given in
hexadecimal form. Software and hardware details are pro-
vided separately for each type of microprocessor.
4.1 Interfacing 8080 Microprocessor Derivatives (8048,
8085)
This converter has been designed to directly interface with
derivatives of the 8080 microprocessor. The A/D can be
mapped into memory space (using standard memory ad-
dress decoding for CS and the MEMR and MEMW strobes)
or it can be controlled as an I/O device by using the I/O R
and I/O W strobes and decoding the address bits A0 → A7
(or address bits A8 → A15 as they will contain the same 8-bit
address information) to obtain the CS input. Using the I/O
space provides 256 additional addresses and may allow a
simpler 8-bit address decoder but the data can only be input
to the accumulator. To make use of the additional memory
reference instructions, the A/D should be mapped into
memory space. An example of an A/D in I/O space is shown
in
Figure 12.
DS005671-18
FIGURE 9. Basic A/D Tester
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com