Electronic Components Datasheet Search
  English  ▼

X  

ADC0801 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0801
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0801 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button ADC0801 Datasheet HTML 25Page - National Semiconductor (TI) ADC0801 Datasheet HTML 26Page - National Semiconductor (TI) ADC0801 Datasheet HTML 27Page - National Semiconductor (TI) ADC0801 Datasheet HTML 28Page - National Semiconductor (TI) ADC0801 Datasheet HTML 29Page - National Semiconductor (TI) ADC0801 Datasheet HTML 30Page - National Semiconductor (TI) ADC0801 Datasheet HTML 31Page - National Semiconductor (TI) ADC0801 Datasheet HTML 32Page - National Semiconductor (TI) ADC0801 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Functional Description (Continued)
A15) during I/O input instructions. For example, MUX chan-
nel selection for the A/D can be accomplished with this
operating mode.
4.3 Interfacing 6800 Microprocessor Derivatives
(6502, etc.)
The control bus for the 6800 microprocessor derivatives
does not use the RD and WR strobe signals. Instead it
employs a single R/W line and additional timing, if needed,
can be derived fom the
φ2 clock. All I/O devices are memory
mapped in the 6800 system, and a special signal, VMA,
indicates that the current address is valid.
Figure 15 shows
an interface schematic where the A/D is memory mapped in
the 6800 system. For simplicity, the CS decoding is shown
using 1⁄2 DM8092. Note that in many 6800 systems, an
already decoded 4/5 line is brought out to the common bus
at pin 21. This can be tied directly to the CS pin of the A/D,
provided that no other devices are addressed at HX ADDR:
4XXX or 5XXX.
The following subroutine performs essentially the same func-
tion as in the case of the 8080A interface and it can be called
from anywhere in the user’s program.
In
Figure 16 the ADC0801 series is interfaced to the M6800
microprocessor through (the arbitrarily chosen) Port B of the
MC6820 or MC6821 Peripheral Interface Adapter, (PIA).
Here the CS pin of the A/D is grounded since the PIA is
already memory mapped in the M6800 system and no CS
decoding is necessary. Also notice that the A/D output data
lines are connected to the microprocessor bus under pro-
gram control through the PIA and therefore the A/D RD pin
can be grounded.
A sample interface program equivalent to the previous one is
shown below
Figure 16. The PIA Data and Control Registers
of Port B are located at HEX addresses 8006 and 8007,
respectively.
5.0 GENERAL APPLICATIONS
The following applications show some interesting uses for
the A/D. The fact that one particular microprocessor is used
is not meant to be restrictive. Each of these application
circuits would have its counterpart using any microprocessor
that is desired.
5.1 Multiple ADC0801 Series to MC6800 CPU Interface
To transfer analog data from several channels to a single
microprocessor system, a multiple converter scheme pre-
sents several advantages over the conventional multiplexer
single-converter approach. With the ADC0801 series, the
differential inputs allow individual span adjustment for each
channel. Furthermore, all analog input channels are sensed
simultaneously, which essentially divides the microproces-
sor’s total system servicing time by the number of channels,
since all conversions occur simultaneously. This scheme is
shown in
Figure 17.
DS005671-24
Note 20: Numbers in parentheses refer to MC6800 CPU pin out.
Note 21: Number or letters in brackets refer to standard M6800 system common bus code.
FIGURE 15. ADC0801-MC6800 CPU Interface
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com