Electronic Components Datasheet Search
  English  ▼

X  

ADC0801 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0801
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0801 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC0801 Datasheet HTML 1Page - National Semiconductor (TI) ADC0801 Datasheet HTML 2Page - National Semiconductor (TI) ADC0801 Datasheet HTML 3Page - National Semiconductor (TI) ADC0801 Datasheet HTML 4Page - National Semiconductor (TI) ADC0801 Datasheet HTML 5Page - National Semiconductor (TI) ADC0801 Datasheet HTML 6Page - National Semiconductor (TI) ADC0801 Datasheet HTML 7Page - National Semiconductor (TI) ADC0801 Datasheet HTML 8Page - National Semiconductor (TI) ADC0801 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AC Electrical Characteristics (Continued)
Note 7: The CS input is assumed to bracket the WR strobe input and therefore timing is dependent on the WR pulse width. An arbitrarily wide pulse width will hold
the converter in a reset mode and the start of conversion is initiated by the low to high transition of the WR pulse (see timing diagrams).
Note 8: None of these A/Ds requires a zero adjust (see section 2.5.1). To obtain zero code at other analog input voltages see section 2.5 and
Figure 7.
Note 9: The VREF/2 pin is the center point of a two-resistor divider connected from VCC to ground. In all versions of the ADC0801, ADC0802, ADC0803, and
ADC0805, and in the ADC0804LCJ, each resistor is typically 16 k
Ω. In all versions of the ADC0804 except the ADC0804LCJ, each resistor is typically 2.2 kΩ.
Note 10: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Typical Performance Characteristics
Logic Input Threshold Voltage
vs. Supply Voltage
DS005671-38
Delay From Falling Edge of
RD to Output Data Valid
vs. Load Capacitance
DS005671-39
CLK IN Schmitt Trip Levels
vs. Supply Voltage
DS005671-40
f
CLK vs. Clock Capacitor
DS005671-41
Full-Scale Error vs
Conversion Time
DS005671-42
Effect of Unadjusted Offset Error
vs. V
REF/2 Voltage
DS005671-43
Output Current vs
Temperature
DS005671-44
Power Supply Current
vs Temperature (Note 9)
DS005671-45
Linearity Error at Low
V
REF/2 Voltages
DS005671-46
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com