Electronic Components Datasheet Search
  English  ▼

X  

LMC555CMM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CMM
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CMM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC555CMM Datasheet HTML 1Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 2Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 3Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 4Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 5Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 6Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 7Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 8Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Notes 2, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
+
15V
Input Voltages, V
TRIG,VRES,VCTRL,
V
THRESH
−0.3V to V
S + 0.3V
Output Voltages, V
O,VDIS
15V
Output Current I
O,IDIS
100 mA
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
MDIP Soldering (10 seconds)
260˚C
SOIC, MSOP Vapor Phase (60 sec)
215˚C
SOIC, MSOP Infrared (15 sec)
220˚C
Note: See AN-450 “Surface Mounting Methods and Their Effect on Product
Reliability” for other methods of soldering surface mount devices.
Operating Ratings(Notes 2, 3)
Termperature
Range
−40˚C to +85˚C
Thermal Resistance (
θ
JA) (Note 2)
SO, 8-Pin Small
Outline
169˚C/W
MSOP, 8-Pin
Mini Small
Outline
225˚C/W
MDIP, 8-Pin
Molded Dip
111˚C/W
8-Bump micro
SMD
220˚C/W
Maximum
Allowable Power
Dissipation @25˚C
MDIP-8
1126 mW
SO-8
740 mW
MSOP-8
555 mW
8 Bump micro
SMD
568 mW
Electrical Characteristics (Notes 1, 2)
Test Circuit, T = 25˚C, all switches open, RESET to V
S unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Limits)
I
S
Supply Current
V
S = 1.5V
V
S =5V
V
S = 12V
50
100
150
150
250
400
µA
V
CTRL
Control Voltage
V
S = 1.5V
V
S =5V
V
S = 12V
0.8
2.9
7.4
1.0
3.3
8.0
1.2
3.8
8.6
V
V
DIS
Discharge Saturation Voltage V
S = 1.5V, IDIS =1mA
V
S = 5V, IDIS =10mA
75
150
150
300
mV
V
OL
Output Voltage (Low)
V
S = 1.5V, IO =1mA
V
S = 5V, IO =8mA
V
S = 12V, IO =50mA
0.2
0.3
1.0
0.4
0.6
2.0
V
V
OH
Output Voltage
(High)
V
S = 1.5V, IO = −0.25 mA
V
S = 5V, IO =−2mA
V
S = 12V, IO = −10 mA
1.0
4.4
10.5
1.25
4.7
11.3
V
V
TRIG
Trigger Voltage
V
S = 1.5V
V
S = 12V
0.4
3.7
0.5
4.0
0.6
4.3
V
I
TRIG
Trigger Current
V
S =5V
10
pA
V
RES
Reset Voltage
V
S = 1.5V (Note 4)
V
S = 12V
0.4
0.4
0.7
0.75
1.0
1.1
V
I
RES
Reset Current
V
S =5V
10
pA
I
THRESH
Threshold Current
V
S =5V
10
pA
I
DIS
Discharge Leakage
V
S = 12V
1.0
100
nA
t
Timing Accuracy
SW 2, 4 Closed
V
S = 1.5V
V
S =5V
V
S = 12V
0.9
1.0
1.0
1.1
1.1
1.1
1.25
1.20
1.25
ms
∆t/∆V
S
Timing Shift with Supply
V
S =5V ± 1V
0.3
%/V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com