Electronic Components Datasheet Search
  English  ▼

X  

LMC555CMM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CMM
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CMM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC555CMM Datasheet HTML 2Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 3Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 4Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 5Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 6Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 7Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 8Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 9Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Application Information (Continued)
The charge time (output high) is given by
t
1 = 0.693 (RA +RB)C
And the discharge time (output low) by:
t
2 = 0.693 (RB)C
Thus the total period is:
T= t
1 +t2 = 0.693 (RA +RB)C
The frequency of oscillation is:
Figure 6 may be used for quick determination of these RC
Values. The duty cycle, as a fraction of total period that the
output is low, is:
FREQUENCY DIVIDER
The monostable circuit of Figure 1 can be used as a fre-
quency divider by adjusting the length of the timing cycle.
Figure 7 shows the waveforms generated in a divide by three
circuit.
PULSE WIDTH MODULATOR
When the timer is connected in the monostable mode and
triggered with a continuous pulse train, the output pulse
width can be modulated by a signal applied to the Control
Voltage Terminal. Figure 8 shows the circuit, and in Figure 9
are some waveform examples.
00866912
VCC = 5V
Top Trace: Output 5 V/Div.
TIME = 20 µs/Div.
Bottom Trace: Capacitor Voltage 1 V/Div.
RA = 3.9 kΩ
RB =9kΩ
C = 0.01 µF
FIGURE 5. Astable Waveforms
00866913
FIGURE 6. Free Running Frequency
00866914
VCC = 5V
Top Trace: Input 4 V/Div.
TIME = 20 µs/Div.
Middle Trace: Output 2 V/Div.
RA = 9.1 kΩ
Bottom Trace: Capacitor 2 V/Div.
C = 0.01 µF
FIGURE 7. Frequency Divider Waveforms
00866920
FIGURE 8. Pulse Width Modulator
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com