Electronic Components Datasheet Search
  English  ▼

X  

LMC555CMM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CMM
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CMM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC555CMM Datasheet HTML 1Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 2Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 3Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 4Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 5Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 6Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 7Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 8Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Notes 1, 2)
Test Circuit, T = 25˚C, all switches open, RESET to V
S unless otherwise noted (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Limits)
∆t/∆T
Timing Shift with
Temperature
V
S =5V
−40˚C
≤ T ≤ +85˚C
75
ppm/˚C
f
A
Astable Frequency
SW 1, 3 Closed, V
S = 12V
4.0
4.8
5.6
kHz
f
MAX
Maximum Frequency
Max. Freq. Test Circuit, V
S = 5V
3.0
MHz
t
R,tF
Output Rise and
Fall Times
Max. Freq. Test Circuit
V
S = 5V, CL =10pF
15
ns
t
PD
Trigger Propagation Delay
V
S = 5V, Measure Delay
from Trigger to Output
100
ns
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: See AN-450 for other methods of soldering surface mount devices, and also AN-1112 for micro SMD considerations.
Note 4: If the RESET pin is to be used at temperatures of −20˚C and below VS is required to be 2.0V or greater.
Note 5: For device pinout please refer to table 1
Test Circuit (Note 5)
00866902
Maximum Frequency Test Circuit (Note 5)
00866903
TABLE 1. Package Pinout Names vs. Pin Function
Pin Function
Package Pin numbers
8-Pin SO, MSOP, and MDIP
8-Bump micro SMD
GND
1
A3
Trigger
2B3
Output
3
C3
Reset
4C2
Control Voltage
5
C1
Threshold
6
B1
Discharge
7
A1
V
+
8A2
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com