Electronic Components Datasheet Search
  English  ▼

X  

LMC555CMM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC555CMM
Description  CMOS Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC555CMM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC555CMM Datasheet HTML 1Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 2Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 3Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 4Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 5Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 6Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 7Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 8Page - National Semiconductor (TI) LMC555CMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC555
CMOS Timer
General Description
The LMC555 is a CMOS version of the industry standard
555 series general purpose timers. In addition to the stan-
dard package (SOIC, MSOP, and MDIP) the LMC555 is also
available in a chip sized package (8 Bump micro SMD) using
National’s micro SMD package technology. The LMC555
offers the same capability of generating accurate time delays
and frequencies as the LM555 but with much lower power
dissipation and supply current spikes. When operated as a
one-shot, the time delay is precisely controlled by a single
external resistor and capacitor. In the stable mode the oscil-
lation frequency and duty cycle are accurately set by two
external resistors and one capacitor. The use of National
Semiconductor’s LMCMOS™ process extends both the fre-
quency range and low supply capability.
Features
n
Less than 1 mW typical power dissipation at 5V supply
n
3 MHz astable frequency capability
n
1.5V supply operating voltage guaranteed
n
Output fully compatible with TTL and CMOS logic at 5V
supply
n
Tested to −10 mA, +50 mA output current levels
n
Reduced supply current spikes during output transitions
n
Extremely low reset, trigger, and threshold currents
n
Excellent temperature stability
n
Pin-for-pin compatible with 555 series of timers
n
Available in 8-pin MSOP Package and 8-Bump micro
SMD package
Pulse Width Modulator
00866920
00866915
Ordering Information
Package
Temperature Range
Package Marking
Transport Media
NSC Drawing
Industrial
−40˚C to +85˚C
8-Pin Small Outline (SO)
LMC555CM
LMC555CM
Rails
M08A
LMC555CMX
2.5k Units Tape and Reel
8-Pin Mini Small Outline
(MSOP)
LMC555CMM
ZC5
1k Units Tape and Reel
MUA08A
LMC555CMMX
3.5k Units Tape and Reel
8-Pin Molded Dip (MDIP)
LMC555CN
LMC555CN
Rails
N08E
8-Bump micro SMD
LMC555CBP
F1
250 Units Tape and Reel
BPA08EFB
LMC555CBPX
3k Units Tape and Reel
8-Bump micro SMD
NOPB
LMC555CTP
F02
250 Units Tape and Reel
TPA08EFA
LMC555CTPX
3k Units Tape and Reel
Note: See Mil-datasheet MNLMC555-X for specifications on the military device LMC555J/883.
LMCMOS™ is a trademark of National Semiconductor Corp.
May 2006
© 2006 National Semiconductor Corporation
DS008669
www.national.com


Similar Part No. - LMC555CMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CMM NSC-LMC555CMM Datasheet
318Kb / 12P
CMOS Timer
logo
Texas Instruments
LMC555CMM TI-LMC555CMM Datasheet
1Mb / 21P
LMC555 CMOS Timer
LMC555CMM TI1-LMC555CMM Datasheet
1Mb / 28P
CMOS Timer
LMC555CMM/NOPB TI-LMC555CMM/NOPB Datasheet
1Mb / 21P
LMC555 CMOS Timer
LMC555CMM/NOPB TI1-LMC555CMM/NOPB Datasheet
1Mb / 28P
CMOS Timer
More results

Similar Description - LMC555CMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
CMOS Programmable Timer
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com