Electronic Components Datasheet Search
  English  ▼

X  

LT3990 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3990
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3990 Datasheet HTML 3Page - Linear Technology LT3990 Datasheet HTML 4Page - Linear Technology LT3990 Datasheet HTML 5Page - Linear Technology LT3990 Datasheet HTML 6Page - Linear Technology LT3990 Datasheet HTML 7Page - Linear Technology LT3990 Datasheet HTML 8Page - Linear Technology LT3990 Datasheet HTML 9Page - Linear Technology LT3990 Datasheet HTML 10Page - Linear Technology LT3990 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3990
7
3990p
PIN FUNCTIONS
FB (Pin 1): The LT3990 regulates the FB pin to 1.21V. Con-
nect the feedback resistor divider tap to this pin.
EN (Pin 2): The part is in shutdown when this pin is low
and active when this pin is high. The hysteretic threshold
voltage is 1V going up and 0.97V going down. Tie to VIN
if shutdown feature is not used. The EN threshold is ac-
curate only when VIN is above 4.2V. If VIN is lower than
4.2V, ground EN to place the part in shutdown.
VIN (Pin 3): The VIN pin supplies current to the LT3990’s
internal circuitry and to the internal power switch. This
pin must be locally bypassed.
GND (Pins 4, 5): Ground.
SW (Pin 6): The SW pin is the output of an internal power
switch. Connect this pin to the inductor.
BOOST (Pin 7): This pin is used to provide a drive volt-
age, higher than the input voltage, to the internal bipolar
NPN power switch.
BD (Pin 8): This pin connects to the anode of the boost
diode. This pin also supplies current to the LT3990’s internal
regulator when BD is above 3.2V.
PG (Pin 9): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within 10% of the final regulation voltage. PG is valid when
VIN is above 4.2V and EN is high.
RT (Pin 10): A resistor is tied between RT and ground to
set the switching frequency.
Exposed Pad (Pin 11, DFN Only): Ground. Must be sol-
dered to PCB.
R
SWITCH LATCH
DBOOST
DCATCH
BOOST
OSCILLATOR
200kHz TO 2.2MHz
SLOPE COMP
S
Q
–
+
–
+
–
+
Burst Mode
DETECT
ERROR
AMP
1.09V
SHDN
EN
1V
C1
VIN
INTERNAL 1.21V REF
–
+
2
RT
RT
10
PG
9
FB
R2
R1
VC
1
GND
(4, 5)
VIN
3
7
BD
8
SW
VOUT
6
C2
C3
3990 BD
L1
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com