Electronic Components Datasheet Search
  English  ▼

X  

LT3990 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3990
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3990 Datasheet HTML 9Page - Linear Technology LT3990 Datasheet HTML 10Page - Linear Technology LT3990 Datasheet HTML 11Page - Linear Technology LT3990 Datasheet HTML 12Page - Linear Technology LT3990 Datasheet HTML 13Page - Linear Technology LT3990 Datasheet HTML 14Page - Linear Technology LT3990 Datasheet HTML 15Page - Linear Technology LT3990 Datasheet HTML 16Page - Linear Technology LT3990 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3990
13
3990p
the boost capacitor is charged with the energy stored
in the inductor, the circuit will rely on some minimum
load current to get the boost circuit running properly.
This minimum load will depend on input and output volt-
ages, and on the arrangement of the boost circuit. The
minimum load generally goes to zero once the circuit has
started. Figure 5 shows a plot of minimum load to start
and to run as a function of input voltage. In many cases
the discharged output capacitor will present a load to the
switcher, which will allow it to start. The plots show the
worst-case situation where VIN is ramping very slowly.
For lower start-up voltage, the boost diode can be tied to
VIN; however, this restricts the input range to one-half of
the absolute maximum rating of the BOOST pin.
Enable Pin
The LT3990 is in shutdown when the EN pin is low and
active when the pin is high. The rising threshold of the EN
comparator is 1V, with a 30mV hysteresis. This threshold is
accurate when VIN is above 4.2V. If VIN is lower than 4.2V,
tie EN pin to GND to place the part in shutdown.
APPLICATIONS INFORMATION
Figure 4. Two Circuits for Generating the Boost Voltage
Figure 5. The Minimum Input Voltage Depends on
Output Voltage, Load Current and Boost Circuit
Adding a resistor divider from VIN to EN programs the
LT3990 to regulate the output only when VIN is above a
desired voltage (see Figure 6). This threshold voltage,
VIN(EN), can be adjusted by setting the values R3 and R4
such that they satisfy the following equation:
V
RR
R
V
IN EN
()
•
=
+
34
4
1
where output regulation should not start until VIN is above
VIN(EN). Note that due to the comparator’s hysteresis,
regulation will not stop until the input falls slightly below
VIN(EN).
BD
LT3990
(4a) For VOUT ≥ 2.2V
BOOST
VIN
VIN
C3
VOUT
SW
GND
BD
LT3990
(4b) For VOUT < 2.2V; VIN < 27V
BOOST
VIN
VIN
C3
3990 F04
VOUT
SW
GND
LOAD CURRENT (mA)
050
2.5
3.5
5.0
100
200
250
3.0
4.5
4.0
150
300
350
FRONT PAGE APPLICATION
VOUT = 3.3V
TO START
TO RUN
LOAD CURRENT (mA)
050
4.0
5.0
6.5
100
200
250
3990 F05
4.5
6.0
5.5
150
300
350
FRONT PAGE APPLICATION
VOUT = 5V
TO START
TO RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com