Electronic Components Datasheet Search
  English  ▼

X  

LT3990 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3990
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990 Datasheet(HTML) 2 Page - Linear Technology

  LT3990 Datasheet HTML 1Page - Linear Technology LT3990 Datasheet HTML 2Page - Linear Technology LT3990 Datasheet HTML 3Page - Linear Technology LT3990 Datasheet HTML 4Page - Linear Technology LT3990 Datasheet HTML 5Page - Linear Technology LT3990 Datasheet HTML 6Page - Linear Technology LT3990 Datasheet HTML 7Page - Linear Technology LT3990 Datasheet HTML 8Page - Linear Technology LT3990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3990
2
3990p
VIN, EN Voltage .........................................................60V
BOOST Pin Voltage ...................................................75V
BOOST Pin Above SW Pin.........................................30V
FB, RT Voltage.............................................................6V
PG, BD Voltage .........................................................30V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3990EDDB#PBF
LT3990EDDB#TRPBF
LFCZ
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3990IDDB#PBF
LT3990IDDB#TRPBF
LFCZ
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3990EMS#PBF
LT3990EMS#TRPBF
LTFDB
10-Lead Plastic MSOP
–40°C to 125°C
LT3990IMS#PBF
LT3990IMS#TRPBF
LTFDB
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
2mm) PLASTIC DFN
FB
EN
VIN
GND
GND
RT
PG
BD
BOOST
SW
6
8
7
9
10
5
4
2
3
1
θJA = 76°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
FB
EN
VIN
GND
GND
10
9
8
7
6
RT
PG
BD
BOOST
SW
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
θJA = 100°C/W
PIN CONFIGURATION
Operating Junction Temperature Range (Note 2)
LT3990E............................................. –40°C to 125°C
LT3990I.............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Only............................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com