Electronic Components Datasheet Search
  English  ▼

X  

LT3990 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3990
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990 Datasheet(HTML) 5 Page - Linear Technology

  LT3990 Datasheet HTML 1Page - Linear Technology LT3990 Datasheet HTML 2Page - Linear Technology LT3990 Datasheet HTML 3Page - Linear Technology LT3990 Datasheet HTML 4Page - Linear Technology LT3990 Datasheet HTML 5Page - Linear Technology LT3990 Datasheet HTML 6Page - Linear Technology LT3990 Datasheet HTML 7Page - Linear Technology LT3990 Datasheet HTML 8Page - Linear Technology LT3990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3990
5
3990p
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum
Switch On-Time/Switch Off-Time
Switch VCESAT (ISW = 200mA)
vs Temperature
Switch VCESAT
BOOST Pin Current
Minimum Input Voltage,
VOUT = 3.3V
Minimum Input Voltage,
VOUT = 5V
Switch Current Limit
Switch Current Limit
Switching Frequency
TA = 25°C, unless otherwise noted.
DUTY CYCLE (%)
0
200
300
400
500
600
700
800
20
40
60
80
3990 G10
100
SWITCH PEAK
CURRENT LIMIT
CATCH DIODE VALLEY CURRENT LIMIT
TEMPERATURE ( C)
–50
200
300
400
500
600
050
100
150
3990 G11
700
800
–25
25
75
125
SWITCH PEAK CURRENT LIMIT
CATCH DIODE VALLEY CURRENT LIMIT
TEMPERATURE (°C)
–50
0
0.4
0.8
1.2
1.6
2.4
–25
025
50
75
3990 G12
100 125 150
2.0
0.2
0.6
1.0
1.4
2.2
1.8
TEMPERATURE (°C)
–50
0
20
60
80
100
200
140
0
50
75
3990 G13
40
160
180
120
–25
25
100 125
150
MINIMUM OFF-TIME
LOAD CURRENT = 175mA
MINIMUM ON-TIME
TEMPERATURE (°C)
–50
200
250
300
350
–25
0
25
50
3990 G14
75
100 125 150
SWITCH CURRENT (mA)
0
300
400
500
400
3990 G15
200
100
0
100
200
300
500
SWITCH CURRENT (mA)
0
10
12
14
400
3990 G16
8
6
100
200
300
500
4
2
0
LOAD CURRENT (mA)
050
2.5
3.5
5.0
100
200
250
3990 G17
3.0
4.5
4.0
150
300
350
FRONT PAGE APPLICATION
VOUT = 3.3V
TO START
TO RUN
LOAD CURRENT (mA)
050
4.0
5.0
6.5
100
200
250
3990 G17
4.5
6.0
5.5
150
300
350
FRONT PAGE APPLICATION
VOUT = 5V
TO START
TO RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com