Electronic Components Datasheet Search
  English  ▼

X  

DAC7718 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7718
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7718 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7718 Datasheet HTML 35Page - Texas Instruments DAC7718 Datasheet HTML 36Page - Texas Instruments DAC7718 Datasheet HTML 37Page - Texas Instruments DAC7718 Datasheet HTML 38Page - Texas Instruments DAC7718 Datasheet HTML 39Page - Texas Instruments DAC7718 Datasheet HTML 40Page - Texas Instruments DAC7718 Datasheet HTML 41Page - Texas Instruments DAC7718 Datasheet HTML 42Page - Texas Instruments DAC7718 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
V
= V
(Gain
1)
OUT
REF
-
´
-
´
OFFSETDAC_CODE
4096
DAC7718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
OFFSET DACS
There are two 12-bit Offset DACs: one for Group A, and one for Group B. The Offset DACs allow the entire
output curve of the associated DAC groups to be shifted by introducing a programmable offset. This offset allows
for asymmetric bipolar operation of the DACs or unipolar operation with bipolar supplies. Thus, subject to the
limitations of headroom, it is possible to set the output range of Group A and/or Group B to be unipolar positive,
unipolar negative, symmetrical bipolar, or asymmetrical bipolar, as shown in Table 5 and Table 6. Increasing the
digital input codes for the offset DAC shifts the outputs of the associated channels in the negative direction. The
default codes for the Offset DACs in the DAC7718 are factory trimmed to provide optimal offset and gain
performance for the default output range and span of symmetric bipolar operation. When the output range is
adjusted by changing the value of the Offset DAC, an extra offset is introduced as a result of the linearity and
offset errors of the Offset DAC. Therefore, the actual shift in the output span may vary slightly from the ideal
calculations. For optimal offset and gain performance in the default symmetric bipolar operation, the Offset DAC
input codes should not be changed from the default power-on values. The maximum allowable offset depends on
the reference and the power supply. If INPUT_CODE from Equation 1 or DAC_DATA_CODE from Equation 2 is
set to 0, then these equations simplify to Equation 3:
(3)
This equation shows the transfer function of the Offset DAC to the output of the DAC channels. In any case, the
analog output must not go beyond the specified range shown in the Analog Outputs section. After power-on or
reset, the Offset DAC is set to the value defined by the selected data format and the selected analog output
voltage. If the DAC gain setting is changed, the offset DAC code is reset to the default value corresponding to
the new DAC gain setting. Refer to the Power-On Reset and Hardware Reset sections for details.
For single-supply operation (AVSS = 0V), the Offset DAC is turned off, and the output amplifier is in a Hi-Z state.
The OFFSET-x pin must be connected to the AGND-x pin through a low-impedance connection (see the Layout
section for details). For dual-supply operation, this pin provides the output of the Offset DAC. The OFFSET-x pin
is not intended to drive an external load. See Figure 98 for the internal Offset DAC and output amplifier
configuration.
Table 5. Example of Offset DAC Codes and Output Ranges with Gain = 6 and VREF = 5V
OFFSET DAC
OFFSET DAC
DAC CHANNELS MFS(1)
DAC CHANNELS PFS(1)
CODE
VOLTAGE
VOLTAGE
VOLTAGE
99Ah(2)
3.0V
–15V
+15V – 1 LSB
000h
0V
0V
+30V – 1 LSB
FFFh
~5.0V
–25V
+5V – 1 LSB
666h
~2.0V
–10V
+20V – 1 LSB
CCDh
~4.0V
–20V
+10V – 1 LSB
(1)
MFS = minus full-scale; PFS = plus full-scale.
(2)
This is the default code for symmetric bipolar operation; actual codes may vary ±1 LSB. Codes are in straight binary format.
Table 6. Example of Offset DAC Codes and Output Ranges with Gain = 4 and VREF = 5V
OFFSET DAC
OFFSET DAC
DAC CHANNELS MFS(1)
DAC CHANNELS PFS(1)
CODE
VOLTAGE
VOLTAGE
VOLTAGE
AABh(2)
~3.33333V
–10V
+10V – 1 LSB
000h
0V
0V
+20V – 1 LSB
FFFh
~5.0V
–15V
+5V – 1 LSB
555h
~1.666V
–5V
+15V – 1 LSB
800h
2.5V
–7.5V
+12.5V – 1 LSB
D55h
~4.1666V
–12.5V
+7.5V – 1 LSB
(1)
MFS = minus full-scale; PFS = plus full-scale.
(2)
This is the default code for symmetric bipolar operation; actual codes may vary ±1 LSB. Codes are in straight binary format.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com