Electronic Components Datasheet Search
  English  ▼

X  

DAC7718 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7718
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7718 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC7718 Datasheet HTML 45Page - Texas Instruments DAC7718 Datasheet HTML 46Page - Texas Instruments DAC7718 Datasheet HTML 47Page - Texas Instruments DAC7718 Datasheet HTML 48Page - Texas Instruments DAC7718 Datasheet HTML 49Page - Texas Instruments DAC7718 Datasheet HTML 50Page - Texas Instruments DAC7718 Datasheet HTML 51Page - Texas Instruments DAC7718 Datasheet HTML 52Page - Texas Instruments DAC7718 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
DAC7718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
INTERNAL REGISTERS
The DAC7718 internal registers consist of the Configuration Register, the Monitor Register, the DAC Input Data
Registers, the Zero Registers, the DAC Data Registers, and the Gain Registers, and are described in the
following section.
The Configuration Register specifies which actions are performed by the device. Table 11 shows the details.
Table 11. Configuration Register (Default = 800h)
DEFAULT
BIT
NAME
VALUE
DESCRIPTION
A/B bit.
When A/B = '0', reading DAC-x returns the value in the Input Data Register.
D15
A/B
1
When A/B = '1', reading DAC-x returns the value in the DAC Data Register.
When the correction engine is enabled, the data returned from the Input Data Register is the original data written to the
bus, and the value in the DAC Data Register is the corrected data.
Synchronously update DACs bit.
When LDAC is tied high, setting LD = '1' at any time after the write operation and the correction process complete
synchronously updates all DAC latches with the content of the corresponding DAC Data Register, and sets VOUT to a new
level. The DAC7718 updates the DAC latch only if it has been accessed since the last time LDAC was brought low or the
D14
LD
0
LD bit was set to '1', thereby eliminating unnecessary glitch. Any DACs that were not accessed are not reloaded. After
updating, the bit returns to '0'. When the correction engine is turned off, bit LD can be set to '1' any time after the writing
operation is complete; the DAC latch is immediately updated when bit LD is set. When the LDAC pin is tied low, this bit is
ignored.
Software reset bit.
D13
RST
0
Set the RST bit to '1' to reset the device; functions the same as a hardware reset. After reset completes, the RST bit
returns to '0'.
Power-down bit for Group A (DAC-0, DAC-1, DAC-2, and DAC-3).
Setting the PD-A bit to '1' places Group A (DAC-0, DAC-1, DAC-2, and DAC-3) into power-down operation. All output
D12
PD-A
0
buffers are in Hi-Z and all analog outputs (VOUT-X) connect to AGND-A through an internal 15-kΩ resistor. The interface is
still active.
Setting the PD-A bit to '0' returns group A to normal operation.
Power-down bit for Group B (DAC-4, DAC-5, DAC-6, and DAC-7).
Setting the PD-B bit to '1' places Group B (DAC-4, DAC-5, DAC-6, and DAC-7) into power-down operation. All output
D11
PD-B
0
buffers are in Hi-Z and all analog outputs (VOUT-X) connect to AGND-B through an internal 15-kΩ resistor. The interface is
still active.
Setting the PD-B bit to '0' returns group B to normal operation.
System-calibration enable bit.
Set the SCE bit to '1' to enable the correction engine. When the engine is enabled, the input data are adjusted by the
correction engine according to the contents of the corresponding Gain Register and Zero Register. The results are
transferred to the corresponding DAC Data Register, and finally loaded into the DAC latch, which sets the VOUT-x pin
D10
SCE
0
output level.
Set the SCE bit to '0' to turn off the correction engine. When the engine is turned off, the input data are transferred to the
corresponding DAC Data Register immediately, and then loaded into the DAC latch, which sets the output voltage. Refer
to the User Calibration for Zero-Code Error and Gain Error section for details.
D9
—
0
Reserved. Writing to this bit has no effect; reading this bit returns '0'.
Gain bit for Group A (DAC-0, DAC-1, DAC-2, and DAC-3). Updating this bit to a new value automatically resets the Offset
DAC-A Register to the factory-trimmed value for the new gain setting.
D8
GAIN-A
0
Set the GAIN-A bit to '0' for an output span = 6 × REF-A.
Set the GAIN-A bit to '1' for an output span = 4 × REF-A.
Gain bit for Group B (DAC-4, DAC-5, DAC-6, and DAC-7). Updating this bit to a new value automatically resets the Offset
DAC-B Register to the factory-trimmed value for the new gain setting.
D7
GAIN-B
0
Set the GAIN-B bit to '0' for an output span = 6 × REF-B.
Set the GAIN-B bit to '1' for an output span = 4 × REF-B.
Disable SDO bit.
Set the DSDO bit to '0' to enable the SDO pin (default). The SDO pin works as a normal SPI output.
D6
DSDO
0
Set the DSDO bit to '1' to disable the SDO pin. The SDO pin is always in a Hi-Z state no matter what the status of the CS
pin is.
No operation bit.
During a write operation, setting the NOP bit to '1' has no effect (the bit returns to '0' when the write operation completes).
D5
NOP
0
Setting the NOP bit to '0', returns the device to normal operation.
During a read operation, the bit always returns “0”
Second wake-up operation bit.
If the WAKEUP pin is high, an alternative method to wake-up the device from sleep in SPI is by using the CS pin. When
W2 = '1', the rising edge of CS restores the device from sleep mode to normal operation, if no more than one falling edge
D4
W2
0
of SCLK exists while CS is low. However, the device will not wake up if more than one falling edge of SCLK exists. Setting
the W2 bit to '0' disables this function, and the rising edge of CS does not wake up the device.
If the WAKEUP is low, this bit is ignored and the device is always in normal mode.
D3:D0
—
0
Reserved. Writing to these bits has no effect; reading these bits returns '0'.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DAC7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com