Electronic Components Datasheet Search
  English  ▼

X  

DAC7718 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7718
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7718 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7718 Datasheet HTML 12Page - Texas Instruments DAC7718 Datasheet HTML 13Page - Texas Instruments DAC7718 Datasheet HTML 14Page - Texas Instruments DAC7718 Datasheet HTML 15Page - Texas Instruments DAC7718 Datasheet HTML 16Page - Texas Instruments DAC7718 Datasheet HTML 17Page - Texas Instruments DAC7718 Datasheet HTML 18Page - Texas Instruments DAC7718 Datasheet HTML 19Page - Texas Instruments DAC7718 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
DAC7718
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
www.ti.com
TIMING CHARACTERISTICS: IOVDD = +5V
(1) (2) (3) (4)
At –40°C to +105°C, DVDD = +5V, and IOVDD = +5V, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
fSCLK
Clock frequency
50
MHz
t1
SCLK cycle time
20
ns
t2
SCLK high time
10
ns
t3
SCLK low time
7
ns
t4
CS falling edge to SCLK falling edge setup time
8
ns
t5
SDI setup time before falling edge of SCLK
5
ns
t6
SDI hold time after falling edge of SCLK
5
ns
t7
SCLK falling edge to CS rising edge
5
ns
t8
CS high time
10
ns
t9
CS rising edge to LDAC falling edge
5
ns
t10
LDAC pulse duration
10
ns
t11
Delay from SCLK rising edge to SDO valid
3
8
ns
t12
Delay from CS rising edge to SDO Hi-Z
5
ns
t13
Delay from CS falling edge to SDO valid
6
ns
t14
SDI to SDO delay during sleep mode
2
5
ns
(1)
Specified by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
(3)
All input signals are specified with tR = tF = 2ns (10% to 90% of IOVDD) and timed from a voltage level of IOVDD/2.
(4)
SDO loaded with 10
Ω series resistance and 10pF load capacitance for SDO timing specifications.
BLANKSPACE
TIMING CHARACTERISTICS: IOVDD = +3V
(1) (2) (3) (4)
At –40°C to +105°C, DVDD = +3V/+5V, and IOVDD = +3V, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
fSCLK
Clock frequency
25
MHz
t1
SCLK cycle time
40
ns
t2
SCLK high time
19
ns
t3
SCLK low time
7
ns
t4
CS falling edge to SCLK falling edge setup time
15
ns
t5
SDI setup time before falling edge of SCLK
5
ns
t6
SDI hold time after falling edge of SCLK
5
ns
t7
SCLK falling edge to CS rising edge
10
ns
t8
CS high time
19
ns
t9
CS rising edge to LDAC falling edge
5
ns
t10
LDAC pulse duration
10
ns
t11
Delay from SCLK rising edge to SDO valid
3
15
ns
t12
Delay from CS rising edge to SDO Hi-Z
7
ns
t13
Delay from CS falling edge to SDO valid
10
ns
t14
SDI to SDO delay during sleep mode
2
10
ns
(1)
Specified by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
(3)
All input signals are specified with tR = tF = 3ns (10% to 90% of IOVDD) and timed from a voltage level of IOVDD/2.
(4)
SDO loaded with 10
Ω series resistance and 10pF load capacitance for SDO timing specifications.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com