Electronic Components Datasheet Search
  English  ▼

X  

DAC7718 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7718
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7718 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7718 Datasheet HTML 1Page - Texas Instruments DAC7718 Datasheet HTML 2Page - Texas Instruments DAC7718 Datasheet HTML 3Page - Texas Instruments DAC7718 Datasheet HTML 4Page - Texas Instruments DAC7718 Datasheet HTML 5Page - Texas Instruments DAC7718 Datasheet HTML 6Page - Texas Instruments DAC7718 Datasheet HTML 7Page - Texas Instruments DAC7718 Datasheet HTML 8Page - Texas Instruments DAC7718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
DAC7718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS: Dual-Supply
All specifications at TA = TMIN to TMAX, AVDD = +16.5V, AVSS = –16.5V, IOVDD = DVDD = +5V, REF-A and REF-B = +5V,
gain = 6, AGND-x = DGND = 0V, data format = straight binary, and Offset DAC A and Offset DAC B are at default values
(1),
unless otherwise noted.
DAC7718
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(2)
Resolution
12
Bits
Linearity error
Measured by line passing through codes 000h and FFFh
±1
LSB
Differential linearity error
Measured by line passing through codes 000h and FFFh
±1
LSB
Bipolar zero error
TA = +25°C, gain = 4 or 6, code = 800h
±1
LSB
Bipolar zero error TC
Gain = 4 or 6, code = 800h
±0.5
±2
ppm FSR/°C
TA = +25°C, gain = 6, code = 000h
±1
LSB
Zero-code error
TA = +25°C, gain = 4, code = 000h
±1
LSB
Zero-code error TC
Gain = 4 or 6, code = 000h
±0.5
±3
ppm FSR/°C
TA = +25°C, gain = 6
±1
LSB
Gain error
TA = +25°C, gain = 4
±1
LSB
Gain error TC
Gain = 4 or 6
±1
±3
ppm FSR/°C
Full-scale error
TA = +25°C, gain = 4 or 6, code = FFFh
±1
LSB
Full-scale error TC
Gain = 4 or 6, code = FFFh
±0.5
±3
ppm FSR/°C
Measured channel at code = 800h, full-scale change on any
DC crosstalk(3)
0.05
LSB
other channel
(1)
Offset DAC A and Offset DAC B are trimmed in manufacturing to minimize the error for symmetrical output. The default value may vary
no more than ±1 LSB from the nominal number listed in Table 7. The Offset DAC pins are not intended to drive an external load, and
must not be connected during dual-supply operation.
(2)
Gain = 4 and TC specified by design and characterization.
(3)
The DAC outputs are buffered by op amps that share common AVDD and AVSS power supplies. DC crosstalk indicates how much dc
change in one or more channel outputs may occur when the dc load current changes in one channel (because of an update). With
high-impedance loads, the effect is virtually immeasurable. Multiple AVDD and AVSS terminals are provided to minimize dc crosstalk.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com