Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD048 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD048
Description  QUAD CHANNEL M-LVDS RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65MLVD048 Datasheet HTML 7Page - Texas Instruments SN65MLVD048 Datasheet HTML 8Page - Texas Instruments SN65MLVD048 Datasheet HTML 9Page - Texas Instruments SN65MLVD048 Datasheet HTML 10Page - Texas Instruments SN65MLVD048 Datasheet HTML 11Page - Texas Instruments SN65MLVD048 Datasheet HTML 12Page - Texas Instruments SN65MLVD048 Datasheet HTML 13Page - Texas Instruments SN65MLVD048 Datasheet HTML 14Page - Texas Instruments SN65MLVD048 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PRBSINPUT
t jit(pp)
VOH
VOL
PeaktoPeakJitter
OUTPUT
tc(n)
tjit(per) = | tc(n) -1/fo |
ACTUAL
OUTPUT
1/fo
IDEAL
OUTPUT
VOL
PeriodJitter
tc(n)
tc(n+1)
tjit(cc) = | tc(n) -tc(n+1)|
CycletoCycleJitter
VCC/2
CLOCKINPUT
1/fo
OUTPUT
VA
V
VB
VCC/2
VA -VB
VOH
VOL
VCC/2
V
OH
VOL
VCC/2
VOH
INPUTS
VA -VB
VCM
0.2Vpk
Type2
0.4Vpk
1V
Type1
SN65MLVD048
www.ti.com
SLLS903 – DECEMBER 2009
A.
All input pulses are supplied by the Agilent 81250 Parallel BERT Stimulus System with plug-in E4832A.
B.
The cycle-to-cycle jitter measurement is made on a TEK TDS6604 running TDSJIT3 application software.
C.
All other jitter measurements are made with an Agilent Infiniium DCA-J 86100C Digital Communications Analyzer.
D.
Period jitter and cycle-to-cycle jitter are measured using a 125-MHz 50 ± 1% duty cycle clock input. Measured over
75K samples.
E.
Deterministic jitter and random jitter are measured using a 250-Mbps 215 -1 PRBS input. Measured over BER = 10 -12
Figure 4. Receiver Jitter Measurement Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com