Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD048 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD048
Description  QUAD CHANNEL M-LVDS RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65MLVD048 Datasheet HTML 8Page - Texas Instruments SN65MLVD048 Datasheet HTML 9Page - Texas Instruments SN65MLVD048 Datasheet HTML 10Page - Texas Instruments SN65MLVD048 Datasheet HTML 11Page - Texas Instruments SN65MLVD048 Datasheet HTML 12Page - Texas Instruments SN65MLVD048 Datasheet HTML 13Page - Texas Instruments SN65MLVD048 Datasheet HTML 14Page - Texas Instruments SN65MLVD048 Datasheet HTML 15Page - Texas Instruments SN65MLVD048 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
0
20
40
60
80
100
25
50
75
100
125
f-Frequency-MHz
Type1
Type2
V
=3.3V,
T =25°C,
V
=400mV(Type1)/800mV(Type2),
V
=1V
CC
A
ID
IC
-40
25
85
T -Free-AirTemperature-°C
A
tPLH
tPHL
3
3.5
4
4.5
5
V
=3.3V,
f=1MHz,
C =15pF,
V
=400mV,
V
=1V
CC
L
ID
IC
3
3.5
4
4.5
5
-40
25
85
T -Free-AirTemperature-°C
A
tPLH
tPHL
V
=3.3V,
f=1MHz,
C =15pF,
V
=800mV,
V
=1V
CC
L
ID
IC
1
1.5
2
2.5
3
tr
tf
-40
25
85
T -Free-AirTemperature-°C
A
V
=3.3V,
f=1MHz,
C =15pF,
V
=400mV,
V
=1V
CC
L
ID
IC
SN65MLVD048
SLLS903 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
RECEIVER (TYPE-1) PROPAGATION DELAY TIME
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
RECEIVER (TYPE-2) PROPAGATION DELAY TIME
RECEIVER (TYPE-1) TRANSITION TIME
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com