Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD048 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD048
Description  QUAD CHANNEL M-LVDS RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65MLVD048 Datasheet HTML 10Page - Texas Instruments SN65MLVD048 Datasheet HTML 11Page - Texas Instruments SN65MLVD048 Datasheet HTML 12Page - Texas Instruments SN65MLVD048 Datasheet HTML 13Page - Texas Instruments SN65MLVD048 Datasheet HTML 14Page - Texas Instruments SN65MLVD048 Datasheet HTML 15Page - Texas Instruments SN65MLVD048 Datasheet HTML 16Page - Texas Instruments SN65MLVD048 Datasheet HTML 17Page - Texas Instruments SN65MLVD048 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
0
5
10
15
50
75
100
125
f
-ClockFrequency-MHz
CLK
Type1
Type2
V
=3.3V,
T =25°C,
V
=400mV(Type1)/800mV(Type2),
V
=1V
CC
A
ID
IC
0
0.5
1
1.5
2
2.5
3
50
75
100
125
f
-ClockFrequency-MHz
CLK
Type1
Type2
V
=3.3V,
T =25°C,
V
=400mV(Type1)/800mV(Type2),
V
=1V
CC
A
ID
IC
SN65MLVD048
SLLS903 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
ADDED RECEIVER PERIOD JITTER
ADDED RECEIVER CYCLE-TO-CYCLE JITTER
vs
vs
CLOCK FREQUENCY
CLOCK FREQUENCY
Figure 13.
Figure 14.
EYE PATTERNS
Figure 15. SN65MLVD048 Output (VCC = 3.3 V, VID = 400 mV) 250 Mbps 2
15–1 PRBS, Receiver Type 1
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com