Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD048 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD048
Description  QUAD CHANNEL M-LVDS RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD048 Datasheet HTML 1Page - Texas Instruments SN65MLVD048 Datasheet HTML 2Page - Texas Instruments SN65MLVD048 Datasheet HTML 3Page - Texas Instruments SN65MLVD048 Datasheet HTML 4Page - Texas Instruments SN65MLVD048 Datasheet HTML 5Page - Texas Instruments SN65MLVD048 Datasheet HTML 6Page - Texas Instruments SN65MLVD048 Datasheet HTML 7Page - Texas Instruments SN65MLVD048 Datasheet HTML 8Page - Texas Instruments SN65MLVD048 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
3
4
5
6
7
8
9
10
11
12
2
25
26
27
28
29
30
31
32
33
34
35
36
NC
VCC
2A
2B
NC
GND
GND
NC
3A
3B
VCC
NC
1R
NC
GND
2R
NC
GND
PDN
3R
NC
GND
4R
NC
SN65MLVD048
SLLS903 – DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
1R––4R
36, 33, 29, 26
O
Data output from receivers
1A–4A
47, 3, 9, 13
I/O
M-LVDS bus non-inverting input/output
1B–4B
48, 4, 10, 14
I/O
M-LVDS bus inverting input/output
6, 7, 18, 23, 27, 31,
GND
I
Circuit ground. ALL GND pins must be connected to ground.
34, 38, 43
2, 11, 15, 16, 24, 37,
VCC
I
Supply voltage. ALL VCC pins must be connected to supply.
45, 46
Receiver enable, active low, enables individual receivers. When this pin is left floating,
1RE–4RE
40, 42, 19, 21
I
internally this pin will be pulled to logic HIGH.
Failsafe enable pin. When this pin is left floating, internally this pin will be pulled to logic
HIGH.
This pin enables the Type 2 receiver for the respective channel.
1FSEN–4FSEN
39, 41, 20, 22
I
xFSEN = L
→ Type 1 receiver inputs
xFSEN = H
→ Type 2 receiver inputs
Power Down pin. When this pin is left floating, internally this pin will be pulled to logic LOW.
When PDN is HIGH, the device is powered up.
PDN
30
When PDN is LOW, the device overrides all other control and powers down. All outputs are
Hi-Z
1, 5, 8, 12, 17, 25, 28,
NC
Not Connected
32, 35
NC
44
Not Connected. Internal TI Test pin. This pin must be left unconnected.
PowerPAD™
–
Connected to GND
RGZ PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65MLVD048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com