Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33899
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI CHARACTERISTICS(12)
Transfer Frequency(13)
fOP
dc
–
6.25
MHz
SCLK Period(13)
tSCLK
160
–
–
ns
SCLK High Time(13)
tSCLK_HS
56
–
–
ns
SCLK Low Time(13)
tSCLK_LS
56
–
–
ns
DI Input Setup Time(13)
tDI(SU)
16
–
–
ns
DI Input Hold Time(13)
tDI(HOLD)
20
–
–
ns
DO Access Time
tDO(ACC)
–
–
116
ns
DO Disable Time(14)
tDO(DIS)
–
–
100
ns
DO Output Valid Time
tDO(VALID)
–
–
116
ns
DO Output Hold Time(13)
tDO(HOLD)
12
20
–
ns
Rise Time(14)
tR
–
–
60
ns
Fall Time(14)
tF
–
–
30
ns
CS
Negated Time(13)
tCSN
500
–
–
ns
Input Pins Input Capacitance(8)
DI
SCLK
CIN
–
–
–
–
20
20
pF
Notes
12.
All SPI timing is performed with a 100pF load on DO unless otherwise noted.
13.
Design information.
14.
Guaranteed by characterization, not production tested.
Table 4. Dynamic Electrical Characteristics
Characteristics at -40
°C ≤ TA ≤ 125°C, 4.75V ≤ VCC ≤ 5.25V, 6.0V ≤ VIGNP ≤ 26.5V, unless otherwise noted. Typical values
reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com