Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33899
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
INTRODUCTION
The PWM input is connected to the system
microprocessor and provides for control of the four MOSFET
outputs. The PWM duty cycle range is 0% to 100%; however,
open load detection circuits require a minimum off-time.
The 33899 holds all outputs off if both FWD and REV are
either logic [0]s or logic [1]s. Figure 12 depicts inputs versus
outputs in forward mode operation.
Figure 12. 33899 Operation in Forward Mode
Load
Current
PWM
INPUT
M1 GATE
M2 GATE
M3 is “ON”
M4 is “OFF”
S0
VIGNP + VF
RDS(ON) * ILOAD
VIGNP -
RDS(ON)* ILOAD
Dead
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com