Electronic Components Datasheet Search
  English  ▼

X  

33899 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33899
Description  Programmable H-Bridge Power IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33899 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33899 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33899 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33899
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 13. OFF-State Fault Detection Diagram
In the full or half H-Bridge mode an open, short to ignition,
or short to GND latches the appropriate SPI fault bits until the
FLTCLR bit is set. Any additional faults that occur prior to
setting FLTCLR will be ignored.
Fault Detection During OFF State
Fault detection for both the high side and low side outputs
is done during the OFF state, when either the EN1 or EN2 pin
is a logic [1], by analyzing the states of both the high side and
low side outputs interacting to the external load. S1 is pulled
up internally via a high-impedance pull-up to VCC, while S0 is
pulled down internally to ground. In a normal load state, the
low-impedance (relative to the internal pull-ups/pull-downs)
will force both load connections to about 0.5 VCC. S1 is
compared with an internal reference of 0.75 VCC nominally,
while S0 is compared to an internal reference of 0.25VCC
nominally. Table 7 indicates what status the load will be in
based on the combination of the outputs of these two
comparators.
Once any of the above faults are indicated for a period of
time exceeding the OFF-state fault timer, the fault bit will be
latched into the SPI Fault register. The OFF-state fault timer
is started when either the EN1 or EN2 pin transitions from a
logic [1] to a logic [0] (both inputs previously logic [1]) or from
a logic [0] to a logic [1] (both inputs previously logic [0]). The
OFF-state filter time is substantially longer than the ON-state
to allow energy in the load to dissipate. False open state
faults may be set when the outputs are shut down and the
load current (reverse polarity only) takes more than the OFF-
state filter time to decay to zero. The microprocessor should
clear the open state fault SPI bit and read the Fault register
again under this condition.
0.75 VCC
EN2
0.25 VCC
S0
S1
VCC
OF
SGFON
SBFON
Fault
Timer
SGF
SBF
EN1
12 k
Ω
12 k
Ω
Note SGFON and SBFON are ON-State Fault.
Table 7. OFF-State Fault Detection
S1
S0
Load Status
<0.75 VCC
>0.25 VCC
Normal Load
<0.75 VCC
<0.25 VCC
Short to Ground
>0.75 VCC
<0.25 VCC
Open Load
>0.75 VCC
>0.25 VCC
Short to VIGNP
Load Current
(Reverse Polarity)
S0/S1 are at 2.5VDC,
No SPI Bits Set
Wake Up, Open
Fault Timer Starts
Open Fault
Timer Starts
Current in Load < 0, Erroneous
Open Fault SPI Bit Set
Goo Back
to Sleep
tFDO
tFDO
S0
S1
EN1
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com