Electronic Components Datasheet Search
  English  ▼

X  

ED050SC3 Datasheet(PDF) 2 Page - AZ Displays

Part # ED050SC3
Description  TECHNICAL SPECIFICATION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ED050SC3 Datasheet(HTML) 2 Page - AZ Displays

  ED050SC3 Datasheet HTML 1Page - AZ Displays ED050SC3 Datasheet HTML 2Page - AZ Displays ED050SC3 Datasheet HTML 3Page - AZ Displays ED050SC3 Datasheet HTML 4Page - AZ Displays ED050SC3 Datasheet HTML 5Page - AZ Displays ED050SC3 Datasheet HTML 6Page - AZ Displays ED050SC3 Datasheet HTML 7Page - AZ Displays ED050SC3 Datasheet HTML 8Page - AZ Displays ED050SC3 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ED050SC3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:2
Revision History
Rev.
Issued
Date
Revised
Contents
1.0
August.15.2008
New
2.0
October.7.2008
Add
Page 7
6-2) Absolute maximum rating
Page 16
11.Bar Code definition
Page 17
12.Border definition
Modify
Page 4
3. Mechanical Specifications
Page 7
6-3) Panel DC characteristics
Page 9
7.Power on sequence
Page 14
9. Handling, Safety and Environment Requirements
Del Preliminary specification
Page 15
10.Reliability test
14.Stylus Tapping
Top R:0.4mm
Load: 300gf
Speed: 5 times/sec
Total 13,500times
change to
Top R:0.8mm
Load: 300gf
Speed: 2 times/sec
Total 13,500times
Del
Page 13
Note 8-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com