Electronic Components Datasheet Search
  English  ▼

X  

ED050SC3 Datasheet(PDF) 7 Page - AZ Displays

Part # ED050SC3
Description  TECHNICAL SPECIFICATION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ED050SC3 Datasheet(HTML) 7 Page - AZ Displays

Back Button ED050SC3 Datasheet HTML 3Page - AZ Displays ED050SC3 Datasheet HTML 4Page - AZ Displays ED050SC3 Datasheet HTML 5Page - AZ Displays ED050SC3 Datasheet HTML 6Page - AZ Displays ED050SC3 Datasheet HTML 7Page - AZ Displays ED050SC3 Datasheet HTML 8Page - AZ Displays ED050SC3 Datasheet HTML 9Page - AZ Displays ED050SC3 Datasheet HTML 10Page - AZ Displays ED050SC3 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ED050SC3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:7
6.Electrical Characteristics
6-1) Panel interface description
This panel is driven by ASIC PVI-6001A or “Apollo” display controller ASIC. See control product specification for details.
6-2) Absolute maximum rating
6-3) Panel DC characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal ground
VSS
-
0
-
V
VDD
3.0
3.3
3.6
V
Logic Voltage supply
IVDD
VDD=3.3V
-
0.5
1
mA
VEE
-21
-20
-19
V
Gate Negative supply
IEE
VEE =-20V
-
5
15
mA
VGG
21
22
23
V
Gate Positive supply
IGG
VGG = 22V
-
1.4
4.2
mA
VNEG
-15.4
-15
-14.6
V
Source Negative supply
INEG
VNEG = -15V
-
22
44
mA
VPOS
14.6
15
15.4
V
Source Positive supply
IPOS
VPOS = 15V
-
24
48
mA
VPOS = 15V
14.6
15
15.4
V
Border supply
VBorder
VNEG = -15V
-15.4
-15
-14.6
V
Asymmetry source
VAsym
VPOS+VNEG
-800
0
800
mV
VCOM
-2.5
Adjusted
-1.0
V
Common voltage
ICOM
-
0.25
-
mA
Maximum power panel
PMAX
-
-
1850
mW
Standby power panel
PSTBY
-
-
0.4
mW
Typical power panel
PTYP
-
850
-
mW
Operating temperature
0
-
50
Storage temperature
-25
-
70
Maximum image update
time at 25
-
1000
-
ms
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VDD
-0.3 to +7
V
Positive Supply Voltage
VPOS
-0.3 to +18
V
Negative Supply Voltage
VNEG
+0.3 to -18
V
Max .Drive Voltage
Range
VPOS - VNEG
36
V
Supply Voltage
VGG
-0.3 to +45
V
Supply Voltage
VEE
-25.0 to +0.3
V
Supply Range
VGG-VEE
-0.3 to +45
V
Operating Temp. Range
TOTR
0 to +50
Storage Temperature
TSTG
-25 to +70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com