Electronic Components Datasheet Search
  English  ▼

X  

ED050SC3 Datasheet(PDF) 4 Page - AZ Displays

Part # ED050SC3
Description  TECHNICAL SPECIFICATION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ED050SC3 Datasheet(HTML) 4 Page - AZ Displays

  ED050SC3 Datasheet HTML 1Page - AZ Displays ED050SC3 Datasheet HTML 2Page - AZ Displays ED050SC3 Datasheet HTML 3Page - AZ Displays ED050SC3 Datasheet HTML 4Page - AZ Displays ED050SC3 Datasheet HTML 5Page - AZ Displays ED050SC3 Datasheet HTML 6Page - AZ Displays ED050SC3 Datasheet HTML 7Page - AZ Displays ED050SC3 Datasheet HTML 8Page - AZ Displays ED050SC3 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ED050SC3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:4
1. Application
The display is a TFT active matrix electrophoretic display, with associated interface and control logic,
and a reference system design.
The 5” active area contains 800x600 pixels, and has full 1~4 bit display capabilities
An integrated circuit containing interface, timing and control logic is supplied with each panel.
2. Features
High contrast TFT electrophoretic
800x600 display
High reflectance
Ultra wide viewing angle
Ultra low power consumption
Pure reflective mode
Bi-stable
Commercial temperature range
Landscape, portrait mode
Antiglare hard-coated front-surface
3. Mechanical Specifications
Parameter
Specifications
Unit
Remark
Screen Size
5
Inch
Display Resolution
800 (H)
600(V)
Pixel
Active Area
101.6 (H) 76.2 (V)
mm
Pixel Pitch
0.127(H)x0.127(V)
mm
Pixel Configuration
Rectangle
Outline Dimension
114.6(H)
89.6(V)
1.18(D) (panel area height)
114.6(H)
89.6(V)
2.0(D) (FPC area height with capacitor)
mm
Panel height is
measured without
released film
Module Weight
24 2
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com