Electronic Components Datasheet Search
  English  ▼

X  

ED050SC3 Datasheet(PDF) 8 Page - AZ Displays

Part # ED050SC3
Description  TECHNICAL SPECIFICATION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ED050SC3 Datasheet(HTML) 8 Page - AZ Displays

Back Button ED050SC3 Datasheet HTML 4Page - AZ Displays ED050SC3 Datasheet HTML 5Page - AZ Displays ED050SC3 Datasheet HTML 6Page - AZ Displays ED050SC3 Datasheet HTML 7Page - AZ Displays ED050SC3 Datasheet HTML 8Page - AZ Displays ED050SC3 Datasheet HTML 9Page - AZ Displays ED050SC3 Datasheet HTML 10Page - AZ Displays ED050SC3 Datasheet HTML 11Page - AZ Displays ED050SC3 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ED050SC3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:8
-
The maximum power and maximum currents are specified for the worse case power consumption.
This occurs when 2 horizontal inverted stripped images are displayed
-
The typical power is the consumed power when “typical images” are displayed.
-
The standby power is the consumed power when the panel controller is in standby mode.
-
The listed electrical/optical characteristics are only guaranteed under the controller & waveform
provided by PVI
-
Vcom is recommended to be set in the range of assigned value
0.1V
6-4 )Panel AC characteristics
VDD=3.0V to 3.6V, unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
App Pin
Clock frequency
fckv
-
-
200
kHz
Minimum “L” clock pulse width
twL
0.5
-
-
us
Clock rise time
trckv
-
-
100
ns
Clock fall time
tfckv
-
-
100
ns
CKV
Data setup time
tSU
100
-
-
ns
Data hold time
tH
100
-
-
ns
CKV, SPV
Pulse rise time
trspv
-
-
100
ns
Pulse fall time
tfspv
-
-
100
ns
SPV
Clock
CL
cycle time
tcy
50
-
DC
ns
D0 .. D7, SPH
setup time
tsu
8
-
-
ns
D0 .. D7, SPH
hold time
th
1
-
-
ns
LE
on
delay time
tLEdly
40
-
-
ns
LE
high-level pulse width
tLEw
40
-
-
ns
LE
off
delay time
tLEoff
40
-
-
ns
Below
table
CLOCK & DATA TIMING
LE
CL
tLE
tLEdly
tLEoff
tO U T
OU T1 ~ OU T400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com