Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
107
Package Description
Table 69 provides the pin-out listing for the MPC8545E 783 FC-PBGA package.
NOTE
All note references in the following table use the same numbers as those for
Table 67. The reader should refer to Table 67 for the meanings of these
notes.
Table 69. MPC8545E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI1 and PCI2 (One 64-Bit or Two 32-Bit)
PCI1_AD[63:32]/PCI2_AD[31:0]
AB14, AC15, AA15, Y16, W16, AB16, AC16,
AA16, AE17, AA18, W18, AC17, AD16, AE16,
Y17, AC18, AB18, AA19, AB19, AB21, AA20,
AC20, AB20, AB22, AC22, AD21, AB23, AF23,
AD23, AE23, AC23, AC24
I/O
OVDD
17
PCI1_AD[31:0]
AH6, AE7, AF7, AG7, AH7, AF8, AH8, AE9,
AH9, AC10, AB10, AD10, AG10, AA10, AH10,
AA11, AB12, AE12, AG12, AH12, AB13, AA12,
AC13, AE13, Y14, W13, AG13, V14, AH13,
AC14, Y15, AB15
I/O
OVDD
17
PCI1_C_BE[7:4]/PCI2_C_BE[3:0]
AF15, AD14, AE15, AD15
I/O
OVDD
17
PCI1_C_BE[3:0]
AF9, AD11, Y12, Y13
I/O
OVDD
17
PCI1_PAR64/PCI2_PAR
W15
I/O
OVDD
—
PCI1_GNT[4:1]
AG6, AE6, AF5, AH5
O
OVDD
5, 9, 35
PCI1_GNT0
AG5
I/O
OVDD
—
PCI1_IRDY
AF11
I/O
OVDD
2
PCI1_PAR
AD12
I/O
OVDD
—
PCI1_PERR
AC12
I/O
OVDD
2
PCI1_SERR
V13
I/O
OVDD
2, 4
PCI1_STOP
W12
I/O
OVDD
2
PCI1_TRDY
AG11
I/O
OVDD
2
PCI1_REQ[4:1]
AH2, AG4, AG3, AH4
I
OVDD
—
PCI1_REQ0
AH3
I/O
OVDD
—
PCI1_CLK
AH26
I
OVDD
39
PCI1_DEVSEL
AH11
I/O
OVDD
2
PCI1_FRAME
AE11
I/O
OVDD
2
PCI1_IDSEL
AG9
I
OVDD
—
PCI1_REQ64/PCI2_FRAME
AF14
I/O
OVDD
2, 5, 10
PCI1_ACK64/PCI2_DEVSEL
V15
I/O
OVDD
2
PCI2_CLK
AE28
I
OVDD
39
PCI2_IRDY
AD26
I/O
OVDD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com