Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
110
Freescale Semiconductor
Package Description
IRQ[11]/DMA_DDONE3
AD20
I/O
OVDD
1
IRQ_OUT
AD18
O
OVDD
2, 4
Ethernet Management Interface
EC_MDC
AB9
O
OVDD
5, 9
EC_MDIO
AC8
I/O
OVDD
—
Gigabit Reference Clock
EC_GTX_CLK125
V11
I
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_RXD[7:0]
R5, U1, R3, U2, V3, V1, T3, T2
I
LVDD
—
TSEC1_TXD[7:0]
T10, V7, U10, U5, U4, V6, T5, T8
O
LVDD
5, 9
TSEC1_COL
R4
I
LVDD
—
TSEC1_CRS
V5
I/O
LVDD
20
TSEC1_GTX_CLK
U7
O
LVDD
—
TSEC1_RX_CLK
U3
I
LVDD
—
TSEC1_RX_DV
V2
I
LVDD
—
TSEC1_RX_ER
T1
I
LVDD
—
TSEC1_TX_CLK
T6
I
LVDD
—
TSEC1_TX_EN
U9
O
LVDD
30
TSEC1_TX_ER
T7
O
LVDD
—
GPIN[0:7]
P2, R2, N1, N2, P3, M2, M1, N3
I
LVDD
103
GPOUT[0:5]
N9, N10, P8, N7, R9, N5
O
LVDD
—
cfg_dram_type0/GPOUT6
R8
O
LVDD
5, 9
GPOUT7
N6
O
LVDD
—
Reserved
P1
—
—
104
Reserved
R6
—
—
104
Reserved
P6
—
—
15
Reserved
N4
—
—
105
FIFO1_RXC2
P5
I
LVDD
104
Reserved
R1
—
—
104
Reserved
P10
—
—
105
FIFO1_TXC2
P7
O
LVDD
15
cfg_dram_type1
R10
I
LVDD
5
Three-Speed Ethernet Controller (Gigabit Ethernet 3)
TSEC3_TXD[3:0]
V8, W10, Y10, W7
O
TVDD
5, 9, 29
Table 69. MPC8545E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com