Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 10 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 6Page - Eorex Corporation EU1010 Datasheet HTML 7Page - Eorex Corporation EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation EU1010 Datasheet HTML 10Page - Eorex Corporation EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
Address
04H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
T0BF
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Read or Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
#
#
#
#
#
#
#
#
Address
05H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
T0C
T0EN
T0F
T0CK
#
#
Timer0 pre-scaler
Read or Write
R/W
R/W
R/W
#
#
R/W
R/W
R/W
Default Value
0
#
#
#
#
#
#
#
Note:
*T0EN : timer0 enable flag
T0EN = 1, load T0BF content (preload buffer data) into timer0 and enable timer0 start to down
count.
T0EN = 0, stop timer0 counting. User can get timer0 data by reading T0BF register. (LDA
T0BF)
* when T0EN=0, write data to T0BF(04H), data will be directly passed to timer0 counter.
T0F : timer0 underflow flag
T0F = 1, timer0 underflow;
T0F = 0, timer0 not underflow.
*T0CK : timer0 clock source option bit, need set to 0 in EU1010.
T0CK = 0, clock source from Fosc.
*There is no default data with T0CK bit, user should preset this bit after power on reset.
bit2
bit1
bit0
Timer0 pre-scaler(FCLK0= )
0
0
0
FSYS/1
0
0
1
FSYS/2
0
1
0
FSYS/4
0
1
1
FSYS/8
1
#
#
FSYS/16
Note:
*Bit2~0 are timer0 clock source selection bits. They must follow the setting listed below. If the
bit2=1, it would be divided by 16 while bit1 and bit0 could be any data. When T0CK=1, don’t care
bit2~0 data.
10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com